| Electronic Components Datasheet Search |
|
TMS320C80 Datasheet(PDF) 41 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320C80 Datasheet(HTML) 41 Page - Texas Instruments |
|
41 / 171 page ![]() TMS320C80 DIGITAL SIGNAL PROCESSOR SPRS023B – JULY 1994 – REVISED OCTOBER 1997 38 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 PP data-unit registers The data unit contains eight 32-bit general-purpose data registers (d0–d7) referred to as the D registers. The d0 register also acts as the control register for EALU operations. d0 register Figure 24 shows the format when d0 is used as the EALU control register. 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 FMOD A EALU Function Code C I S N E F – – – DMS M R – DBR FMOD A C I S N Function modifiers Arithmetic enable EALU carry-In Invert-carry-In Sign extend Nonmultiple mask E F DMS M R DBR Explicit multiple carry-In Expanded mf Default multiply shift amount Split multiply Rounded multiply Default barrel rotate amount Figure 24. d0 Format for EALU Operations multiple flags (mf) register The mf register records status information from each split ALU segment for multiple arithmetic operations. The mf register may be expanded to generate a mask for the ALU. Figure 25 shows the mf register format. 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Figure 25. mf Register Format status register (sr) The sr contains status and control bits for the PP ALU. Figure 26 shows the sr register format. 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 N C V Z LV – – – – – – – – – – – – – – – – – – MSS R Msize Asize N C V Z LV R Negative status bit Carry status bit Overflow status bit Zero status bit Latched overflow Rotation bit MSS Msize Asize mf Status selection 00 – set by zero 10 – set by extended result 01 – set by sign 11 – reserved Expander data size Split ALU data size Figure 26. sr Format PP address-unit registers address registers The address unit contains ten 32-bit address registers which contain the base address for address computations or which can be used for general-purpose data. The registers a0 – a4 are used for local address computations and registers a8–a12 are used for global-address computations. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |