Electronic Components Datasheet Search
  English  ▼

X  

TMS320C80 Datasheet(PDF) 91 Page - Texas Instruments

Part # TMS320C80
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80 Datasheet(HTML) 91 Page - Texas Instruments

Back Button TMS320C80 Datasheet HTML 87Page - Texas Instruments TMS320C80 Datasheet HTML 88Page - Texas Instruments TMS320C80 Datasheet HTML 89Page - Texas Instruments TMS320C80 Datasheet HTML 90Page - Texas Instruments TMS320C80 Datasheet HTML 91Page - Texas Instruments TMS320C80 Datasheet HTML 92Page - Texas Instruments TMS320C80 Datasheet HTML 93Page - Texas Instruments TMS320C80 Datasheet HTML 94Page - Texas Instruments TMS320C80 Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
88
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
load-color-register cycles
Load-color-register (LCR) cycles are used to load a VRAM’s color register prior to performing a block write. LCR
cycles are supported only on 64-bit data buses. An LCR cycle closely resembles a normal write cycle because
it writes into a VRAM. The difference is that the DSF output is high at both the fall of RAS and the fall of
CAS / DQM. Also, because the VRAM color register is a single location, only one column access occurs.
The row address that is output by the TC is used for bank decode only. Normally all VRAM banks should be
selected during an LCR cycle because another LCR cycle will not occur when a block-write memory page
change occurs. The column address that is output during an LCR is likewise irrelevant because the VRAM color
register is the only location written. All CAS / DQM strobes are active during an LCR cycle.
The RETRY input is sampled during LCR column states and must be valid high or low. Asserting RETRY at
column time has no effect, however, because only one column access is performed.
If the BS[1:0] inputs indicate that the addressed memory supports only simulated block writes, the LCR cycle
will be changed into a normal write cycle at the start of the simulated block write. Load color register cycles timing
is shown in Figure 72 through Figure 75.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com