Electronic Components Datasheet Search
  English  ▼

X  

TMS320C80 Datasheet(PDF) 62 Page - Texas Instruments

Part # TMS320C80
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80 Datasheet(HTML) 62 Page - Texas Instruments

Back Button TMS320C80 Datasheet HTML 58Page - Texas Instruments TMS320C80 Datasheet HTML 59Page - Texas Instruments TMS320C80 Datasheet HTML 60Page - Texas Instruments TMS320C80 Datasheet HTML 61Page - Texas Instruments TMS320C80 Datasheet HTML 62Page - Texas Instruments TMS320C80 Datasheet HTML 63Page - Texas Instruments TMS320C80 Datasheet HTML 64Page - Texas Instruments TMS320C80 Datasheet HTML 65Page - Texas Instruments TMS320C80 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
59
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
ALU-operation code (continued)
Table 20. Function Modifier Codes
FUNCTION
MODIFIER BITS
MODIFICATION PERFORMED
58
56
54
52
0
0
0
0
Normal operation
0
0
0
1
cin
0
0
1
0
%! if maskgen instruction, lmo if not maskgen
0
0
1
1
%! and cin if maskgen instruction, rmo if not maskgen
0
1
0
0
A port = 0
0
1
0
1
A port = 0 and cin
0
1
1
0
A port = 0 and %! if maskgen, lmbc if not maskgen
0
1
1
1
A port = 0, %! and cin if maskgen, rmbc if not maskgen
1
0
0
0
mf bit(s) set by carry out(s). (mc)
1
0
0
1
mf bit(s) set based on status register MSS field. (me)
1
0
1
0
Rotate mf by Asize, mf bit(s) set by carry out(s). (mrc)
1
0
1
1
Rotate mf by Asize, mf bit(s) set based on status register MSS field. (mre)
1
1
0
0
Clear mf, mf bit(s) set by carry out(s). (mzc)
1
1
0
1
Clear mf, mf bit(s) set based on status register MSS field. (mze)
1
1
1
0
No setting of bits in mf register. (mx)
1
1
1
1
Reserved
Legend:
cin
Carry in from sr(C)
%!
Modified mask generator
lmbc
Leftmost-bit change
rmbc
Rightmost-bit change
lmo
Leftmost one
rmo
Rightmost one
miscellaneous operation code
For data-unit opcode format E, the operation field selects one of the miscellaneous operations codes as shown
in Table 21.
Table 21. Miscellaneous Operation Codes
OPCODE BITS
MNEMONIC
OPERATION
43
42
41
40
39
MNEMONIC
OPERATION
0
0
0
0
0
nop
No data-unit operation. Status not modified
0
0
0
0
1
qwait
Wait until comm Q bit is clear
0
0
0
1
0
eint
Global-interrupt enable
0
0
0
1
1
dint
Global-interrupt disable
0
0
1
0
0
eloop
Global loop enable
0
0
1
0
1
dloop
Global loop disable
0
0
1
1
x
reserved
0
1
x
x
x
reserved
1
x
x
x
x
reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com