| Electronic Components Datasheet Search |
|
TMS320C80 Datasheet(PDF) 67 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320C80 Datasheet(HTML) 67 Page - Texas Instruments |
|
67 / 171 page ![]() TMS320C80 DIGITAL SIGNAL PROCESSOR SPRS023B – JULY 1994 – REVISED OCTOBER 1997 64 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 frame-timer registers Each frame timer has twenty-one 16-bit registers to control its horizontal and vertical timing signals. The registers are on-chip memory-mapped registers accessible by the MP only. Each horizontal / vertical register pair can be accessed as a single 32-bit quantity. The register map for Frame-Timer 0 is shown in Figure 47. The Frame-Timer 1 register map is shown in Figure 48. Address Address FTCTL0 0x01820200 SETVCT0 0x01820206 SETHCT0 0x01820204 VFTINT0 0x0182020A HESERR0 0x01820208 VESYNC0 0x0182020E HESYNC0 0x0182020C VEBLNK0 0x01820212 HEBLNK0 0x01820210 VSAREA0 0x01820216 HSAREA0 0x01820214 VEAREA0 0x0182021A HEAREA0 0x01820218 VSBLNK0 0x0182021E HSBLNK0 0x0182021C VTOTAL0 0x01820222 HTOTAL0 0x01820220 HALINE0 0x01820224 HBLINE0 0x01820228 VCOUNT0 0x0182023E HCOUNT0 0x0182023C Figure 47. Frame-Timer 0 Register Map Address Address FTCTL1 0x01820240 SETVCT1 0x01820246 SETHCT1 0x01820244 VFTINT1 0x0182024A HESERR1 0x01820248 VESYNC1 0x0182024E HESYNC1 0x0182024C VEBLNK1 0x01820252 HEBLNK1 0x01820250 VSAREA1 0x01820256 HSAREA1 0x01820254 VEAREA1 0x0182025A HEAREA1 0x01820258 VSBLNK1 0x0182025E HSBLNK1 0x0182025C VTOTAL1 0x01820262 HTOTAL1 0x01820260 HALINE1 0x01820264 HBLINE1 0x01820268 VCOUNT1 0x0182027E HCOUNT1 0x0182027C Figure 48. Frame-Timer 1 Register Map frame-timer register programming The register format for the frame-timer control registers is shown in Figure 49. All other registers are 16-bit values. For programming details, see the TMS320C80 Video Controller User’s Guide (literature number SPRU111). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |