Electronic Components Datasheet Search
  English  ▼

X  

TMS320C80 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMS320C80
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320C80 Datasheet HTML 17Page - Texas Instruments TMS320C80 Datasheet HTML 18Page - Texas Instruments TMS320C80 Datasheet HTML 19Page - Texas Instruments TMS320C80 Datasheet HTML 20Page - Texas Instruments TMS320C80 Datasheet HTML 21Page - Texas Instruments TMS320C80 Datasheet HTML 22Page - Texas Instruments TMS320C80 Datasheet HTML 23Page - Texas Instruments TMS320C80 Datasheet HTML 24Page - Texas Instruments TMS320C80 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
18
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
MP functional block diagram (continued)
Register File
(Thirty-One 32-Bit Registers)
Scoreboard
Barrel Rotator
Double-Precision Floating-Point
Accumulators
Mask Generator
Zero Comparator
Integer ALU
Leftmost / Rightmost One
Timer
Double-Precision
Floating-Point Multiplier
(Single-Precision Core)
Control Registers
Instruction Register
Program Counters
PC Incrementer
Emulation Logic
Instruction Cache
Controller
Endian Multiplexers
Double-Precision
Floating-Point Adder
Data/Cache
Controller
Crossbar Interface
Figure 3. MP Block Diagram
MP general-purpose registers
The MP contains 31 32-bit general-purpose registers, R1 – R31. Register R0 always reads as zero and writes
to it are discarded. Double precision values are always stored in an even-odd register pair with the higher
numbered register always holding the sign bit and exponent. The R0/R1 pair is not available for this use. A
scoreboard keeps track of which registers are awaiting loads or the result of a previous instruction and stalls
the instruction pipeline until the register contains valid data. As a recommended software convention, typically
R1 is used as a stack pointer and R31 as a return-address link register.
Figure 4 shows the MP general-purpose registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com