Electronic Components Datasheet Search
  English  ▼

X  

TMS320C80 Datasheet(PDF) 44 Page - Texas Instruments

Part # TMS320C80
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80 Datasheet(HTML) 44 Page - Texas Instruments

Back Button TMS320C80 Datasheet HTML 40Page - Texas Instruments TMS320C80 Datasheet HTML 41Page - Texas Instruments TMS320C80 Datasheet HTML 42Page - Texas Instruments TMS320C80 Datasheet HTML 43Page - Texas Instruments TMS320C80 Datasheet HTML 44Page - Texas Instruments TMS320C80 Datasheet HTML 45Page - Texas Instruments TMS320C80 Datasheet HTML 46Page - Texas Instruments TMS320C80 Datasheet HTML 47Page - Texas Instruments TMS320C80 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
41
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
communication (comm) register
The comm register contains the packet-transfer handshake bits and PP indicator bits. Figure 32 shows the
comm register format.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
H
S
Q
P
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
PP#
MAREV
MIREV
DEV
H
S
Q
P
MAREV
MIREV
DEV Device
High-priority packet transfer
Packet-transfer suspend
Packet transfer queued
Submit packet transfer request
Major revision #
Minor revision #
00 – 320C80
10 – 320C82
PP#
pp Number (read only)
000 – pp0
010 – pp2
001 – pp1
011 – pp3
1xx – not implemented
Figure 32. comm Register
cache-tag registers
The tag0 – tag3 registers contain the tag address and sub-block present bits for each cache block. Figure 33
shows the cache tag registers.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
23-Bit Tag Address
P
P
P
P
–
–
–
LRU
P
LRU
Present bit
Least-recently-used code
00 – mru
10 – next lru
01 – next mru
11 – lru
Sub-Block #
3
2
1
0
Figure 33. Cache Tag Registers
PP cache architecture
Each PP has its own 2K-byte instruction cache. Each cache is divided into four blocks and each block is divided
into four sub-blocks containing 16 64-bit instructions each. Cache misses cause one sub-block to be loaded
into cache. Figure 34 shows the cache architecture for one of the four sets in each cache. Figure 35 shows how
addresses map into the cache using the cache tags and address bits.
Block 0
Block 1
Block 2
Block 3
tag 0 (Block 0)
tag 1 (Block 1)
tag 2 (Block 2)
tag 3 (Block 3)
LRU
NLRU
NMRU
MRU
LRU Stack
Figure 34. PP Cache Architecture
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
23-Bit Tag Value
sub
instruction
ignored
sub – sub-block
Figure 35. pc Register Cache-Address Mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com