Electronic Components Datasheet Search
  English  ▼

X  

ARM926EJ Datasheet(PDF) 92 Page - List of Unclassifed Manufacturers

Part # ARM926EJ
Description  Technical Reference Manual
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ARM926EJ Datasheet(HTML) 92 Page - List of Unclassifed Manufacturers

Back Button ARM926EJ Datasheet HTML 88Page - List of Unclassifed Manufacturers ARM926EJ Datasheet HTML 89Page - List of Unclassifed Manufacturers ARM926EJ Datasheet HTML 90Page - List of Unclassifed Manufacturers ARM926EJ Datasheet HTML 91Page - List of Unclassifed Manufacturers ARM926EJ Datasheet HTML 92Page - List of Unclassifed Manufacturers ARM926EJ Datasheet HTML 93Page - List of Unclassifed Manufacturers ARM926EJ Datasheet HTML 94Page - List of Unclassifed Manufacturers ARM926EJ Datasheet HTML 95Page - List of Unclassifed Manufacturers ARM926EJ Datasheet HTML 96Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 236 page
background image
Memory Management Unit
3-28
Copyright © 2001-2008 ARM Limited. All rights reserved.
ARM DDI 0198E
3.6
External aborts
In addition to the MMU generated aborts, external aborts can be generated for certain
types of access that involve transfers over the AHB bus. These can be used to flag errors
on external memory accesses. However, not all accesses can be aborted in this way.
The following accesses can be externally aborted:
•
page walks
•
noncached reads
•
nonbuffered writes
•
noncached read-lock-write (SWP) sequence.
For a read-lock-write (SWP) sequence, if the read externally aborts, the write is always
attempted.
A swap to an NCB region is forced to have precisely the same behavior as a swap to an
NCNB region. This means that the write part of a swap to an NCB region can be
externally aborted.
3.6.1
Enabling the MMU
Before enabling the MMU using CP15 c1 you must:
1.
Program the TTB register (CP15 c2) and the domain access control register
(CP15 c3).
2.
Program first-level and second-level page tables as required, ensuring that a valid
translation table is placed in memory at the location specified by the TTB register.
When these steps have been performed, you can enable the MMU by setting CP15 c1
bit 0 HIGH.
Care must be taken if the translated address differs from the untranslated address
because several instructions following the enabling of the MMU might have been
prefetched with the MMU off (VA = MVA = PA).
In this case, enabling the MMU can be considered as a branch with delayed execution.
A similar situation occurs when the MMU is disabled. Consider the following code
sequence:
MRC p15, 0, R1, c1, C0, 0
; Read control register
ORR R1, #0x1
; Set M bit
MCR p15, 0,R1,C1, C0,0
; Write control register and enable MMU
Fetch Flat
Fetch Flat
Fetch Translated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com