Electronic Components Datasheet Search
  English  ▼

X  

ARM926EJ Datasheet(PDF) 98 Page - List of Unclassifed Manufacturers

Part # ARM926EJ
Description  Technical Reference Manual
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ARM926EJ Datasheet(HTML) 98 Page - List of Unclassifed Manufacturers

Back Button ARM926EJ Datasheet HTML 94Page - List of Unclassifed Manufacturers ARM926EJ Datasheet HTML 95Page - List of Unclassifed Manufacturers ARM926EJ Datasheet HTML 96Page - List of Unclassifed Manufacturers ARM926EJ Datasheet HTML 97Page - List of Unclassifed Manufacturers ARM926EJ Datasheet HTML 98Page - List of Unclassifed Manufacturers ARM926EJ Datasheet HTML 99Page - List of Unclassifed Manufacturers ARM926EJ Datasheet HTML 100Page - List of Unclassifed Manufacturers ARM926EJ Datasheet HTML 101Page - List of Unclassifed Manufacturers ARM926EJ Datasheet HTML 102Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 236 page
background image
Caches and Write Buffer
4-4
Copyright © 2001-2008 ARM Limited. All rights reserved.
ARM DDI 0198E
4.2
Write buffer
The write buffer is used for all writes to a noncacheable, bufferable region,
write-through region, and write misses to a write-back region. A separate buffer is
incorporated in the DCache for holding write-back data for cache line evictions or
cleaning of dirty cache lines.
The main write buffer has a 16-word data buffer and a four-address buffer.
The DCache write-back buffer has eight data word entries and a single address entry.
The MCR drain write buffer instruction enables both write buffers to be drained under
software control.
The MCR wait for interrupt causes both write buffers to be drained and the
ARM926EJ-S processor to be put into a low-power state until an interrupt occurs.
Write buffer behavior is described in Table 4-4 on page 4-6.
No forwarding takes place for read accesses that have corresponding pending writes in
the write buffer. For such accesses the write buffer is drained and the value fetched from
external memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com