Electronic Components Datasheet Search
  English  ▼

X  

ARM926EJ Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # ARM926EJ
Description  Technical Reference Manual
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ARM926EJ Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button ARM926EJ Datasheet HTML 35Page - List of Unclassifed Manufacturers ARM926EJ Datasheet HTML 36Page - List of Unclassifed Manufacturers ARM926EJ Datasheet HTML 37Page - List of Unclassifed Manufacturers ARM926EJ Datasheet HTML 38Page - List of Unclassifed Manufacturers ARM926EJ Datasheet HTML 39Page - List of Unclassifed Manufacturers ARM926EJ Datasheet HTML 40Page - List of Unclassifed Manufacturers ARM926EJ Datasheet HTML 41Page - List of Unclassifed Manufacturers ARM926EJ Datasheet HTML 42Page - List of Unclassifed Manufacturers ARM926EJ Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 236 page
background image
Programmer’s Model
ARM DDI 0198E
Copyright © 2001-2008 ARM Limited. All rights reserved.
2-9
S bit
Specifies if the cache is a unified cache, S=0, or separate ICache and
DCache, S=1. If S=0, the Isize and Dsize fields both describe the unified
cache and must be identical. In the ARM926EJ-S processor, this bit is set
to a 1 to denote separate caches.
Dsize
Specifies the size, line length, and associativity of the DCache, or of the
unified cache if the S bit is 0.
Isize
Specifies the size, length, and associativity of the ICache, or of the
unified cache if the S bit is 0.
The Ctype field specifies if the cache supports lockdown or not, and how it is cleaned.
The encoding is shown in Table 2-6. All unused values are reserved.
The Dsize and Isize fields in the Cache Type Register have the same format. This is
shown in Figure 2-3.
Figure 2-3 Dsize and Isize field format
Size
The Size field determines the cache size in conjunction with the M bit.
Assoc
The Assoc field determines the cache associativity in conjunction with
the M bit.
M bit
The multiplier bit determines the cache size and cache associativity
values in conjunction with the Size and Assoc fields. If the cache is
present, M must be set to 0. If the cache is absent, M must be set to 1. For
the ARM926EJ-S processor, M is always set to 0.
Len
The Len field determines the line length of the cache.
Table 2-6 Ctype encoding
Value
Method
Cache cleaning
Cache lockdown
b1110
Write-back
Register 7 operations
Format Ca
a. See Cache Lockdown Register c9 on page 2-25 for more details on
Format C for cache lockdown.
11 10 9
6 5
3 2 1 0
0 0
Size
Assoc
M Len



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com