Electronic Components Datasheet Search
  English  ▼

X  

ARM926EJ Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # ARM926EJ
Description  Technical Reference Manual
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ARM926EJ Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button ARM926EJ Datasheet HTML 30Page - List of Unclassifed Manufacturers ARM926EJ Datasheet HTML 31Page - List of Unclassifed Manufacturers ARM926EJ Datasheet HTML 32Page - List of Unclassifed Manufacturers ARM926EJ Datasheet HTML 33Page - List of Unclassifed Manufacturers ARM926EJ Datasheet HTML 34Page - List of Unclassifed Manufacturers ARM926EJ Datasheet HTML 35Page - List of Unclassifed Manufacturers ARM926EJ Datasheet HTML 36Page - List of Unclassifed Manufacturers ARM926EJ Datasheet HTML 37Page - List of Unclassifed Manufacturers ARM926EJ Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 236 page
background image
Programmer’s Model
2-4
Copyright © 2001-2008 ARM Limited. All rights reserved.
ARM DDI 0198E
All CP15 register bits that are defined and contain state are set to 0 by Reset except:
•
The V bit is set to 0 at reset if the VINITHI signal is LOW, or 1 if the VINITHI
signal is HIGH.
•
The B bit is set to 0 at reset if the BIGENDINIT signal is LOW, or 1 if the
BIGENDINIT signal is HIGH.
•
The instruction TCM is enabled at reset if the INITRAM pin is HIGH. This
enables booting from the instruction TCM and sets the ITCM bit in the ITCM
region register to 1.
2.2.1
Addresses in an ARM926EJ-S system
Three distinct types of address exist in an ARM926EJ-S system. Table 2-2 shows the
address types in ARM926EJ-S processor.
This is an example of the address manipulation that occurs when the ARM9EJ-S core
requests an instruction:
1.
The VA of the instruction is issued by the ARM9EJ-S core.
2.
The VA is translated using the FCSE PID value to the MVA. The Instruction
Cache (ICache) and Memory Management Unit (MMU) detect the MVA, see
Process ID Register c13 on page 2-32.
3.
If the protection check carried out by the MMU on the MVA does not abort and
the MVA tag is in the ICache, the instruction data is returned to the ARM9EJ-S
core.
4.
If the protection check carried out by the MMU on the MVA does not abort, and
the cache misses because the MVA tag is not in the cache, then the MMU
translates the MVA to produce the PA. This address is given to the AMBA bus
interface to perform an external access.
2.2.2
Accessing CP15 registers
You can only access CP15 registers with MRC and MCR instructions in a privileged
mode. The instruction bit pattern of the MCR and MRC instructions is shown in
Figure 2-1 on page 2-5.
Table 2-2 Address types in ARM926EJ-S
Domain
ARM9EJ-S
Caches and MMU
TCM and AMBA bus
Address type
Virtual Address (VA)
Modified Virtual Address (MVA)
Physical Address (PA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com