Electronic Components Datasheet Search
  English  ▼

X  

ARM926EJ Datasheet(PDF) 73 Page - List of Unclassifed Manufacturers

Part # ARM926EJ
Description  Technical Reference Manual
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ARM926EJ Datasheet(HTML) 73 Page - List of Unclassifed Manufacturers

Back Button ARM926EJ Datasheet HTML 69Page - List of Unclassifed Manufacturers ARM926EJ Datasheet HTML 70Page - List of Unclassifed Manufacturers ARM926EJ Datasheet HTML 71Page - List of Unclassifed Manufacturers ARM926EJ Datasheet HTML 72Page - List of Unclassifed Manufacturers ARM926EJ Datasheet HTML 73Page - List of Unclassifed Manufacturers ARM926EJ Datasheet HTML 74Page - List of Unclassifed Manufacturers ARM926EJ Datasheet HTML 75Page - List of Unclassifed Manufacturers ARM926EJ Datasheet HTML 76Page - List of Unclassifed Manufacturers ARM926EJ Datasheet HTML 77Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 236 page
background image
Memory Management Unit
ARM DDI 0198E
Copyright © 2001-2008 ARM Limited. All rights reserved.
3-9
The page table descriptors provide the base address of a page table that contains
second-level descriptors. There are two sizes of page table:
•
coarse page tables have 256 entries, splitting the 1MB that the table describes into
4KB blocks
•
fine page tables have 1024 entries, splitting the 1MB that the table describes into
1KB blocks.
First-level descriptor bit assignments are shown in Table 3-2.
Table 3-2 First-level descriptor bits
Bits
Description
Section
Coarse
Fine
[31:20]
[31:10]
[31:12]
These bits form the corresponding bits of the physical
address.
[19:12]
-
-
Should Be Zero.
[11:10]
-
-
Access permission bits. Access permissions and domains on
page 3-3 and Fault address and fault status registers on
page 3-20 show how to interpret the access permission bits.
[9]
[9]
[11:9]
Should Be Zero.
[8:5]
[8:5]
[8:5]
Domain control bits.
[4]
[4]
[4]
Must be 1.
[3:2]
-
-
Bits C and B indicate whether the area of memory mapped
by this page is treated as write-back cacheable,
write-through cacheable, noncached buffered, or noncached
nonbuffered.
-
[3:2]
[3:2]
Should Be Zero.
[1:0]
[1:0]
[1:0]
These bits indicate the page size and validity and are
interpreted as shown in Table 3-3 on page 3-10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com