Electronic Components Datasheet Search
  English  ▼

X  

ARM926EJ Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ARM926EJ
Description  Technical Reference Manual
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ARM926EJ Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ARM926EJ Datasheet HTML 17Page - List of Unclassifed Manufacturers ARM926EJ Datasheet HTML 18Page - List of Unclassifed Manufacturers ARM926EJ Datasheet HTML 19Page - List of Unclassifed Manufacturers ARM926EJ Datasheet HTML 20Page - List of Unclassifed Manufacturers ARM926EJ Datasheet HTML 21Page - List of Unclassifed Manufacturers ARM926EJ Datasheet HTML 22Page - List of Unclassifed Manufacturers ARM926EJ Datasheet HTML 23Page - List of Unclassifed Manufacturers ARM926EJ Datasheet HTML 24Page - List of Unclassifed Manufacturers ARM926EJ Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 236 page
background image
Preface
ARM DDI 0198E
Copyright © 2001-2008 ARM Limited. All rights reserved.
xxi
Key to timing diagram conventions
Single-bit signals are sometimes shown as HIGH and LOW at the same time and they
look similar to the bus change shown in Key to timing diagram conventions. If a
single-bit signal is shown like this then its value does not affect the accompanying
description.
Signals
The signal conventions are:
Signal level
The level of an asserted signal depends on whether the signal is
active-HIGH or active-LOW. Asserted means:
•
HIGH for active-HIGH signals
•
LOW for active-LOW signals.
Lower-case n
At the start or end of a signal name denotes an active-LOW signal.
Prefix A
Denotes global Advanced eXtensible Interface (AXI) signals.
Prefix AR
Denotes AXI read address channel signals.
Prefix AW
Denotes AXI write address channel signals.
Prefix B
Denotes AXI write response channel signals.
Prefix C
Denotes AXI low-power interface signals.
Prefix H
Denotes Advanced High-performance Bus (AHB) signals.
Prefix P
Denotes Advanced Peripheral Bus (APB) signals.
Prefix R
Denotes AXI read data channel signals.
Clock
HIGH to LOW
Transient
HIGH/LOW to HIGH
Bus stable
Bus to high impedance
Bus change
High impedance to stable bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com