Electronic Components Datasheet Search
  English  ▼

X  

AX88655P Datasheet(PDF) 10 Page - ASIX Electronics Corporation

Part # AX88655P
Description  5-Port 10/100/1000BASE-T Ethernet Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88655P Datasheet(HTML) 10 Page - ASIX Electronics Corporation

Back Button AX88655P Datasheet HTML 6Page - ASIX Electronics Corporation AX88655P Datasheet HTML 7Page - ASIX Electronics Corporation AX88655P Datasheet HTML 8Page - ASIX Electronics Corporation AX88655P Datasheet HTML 9Page - ASIX Electronics Corporation AX88655P Datasheet HTML 10Page - ASIX Electronics Corporation AX88655P Datasheet HTML 11Page - ASIX Electronics Corporation AX88655P Datasheet HTML 12Page - ASIX Electronics Corporation AX88655P Datasheet HTML 13Page - ASIX Electronics Corporation AX88655P Datasheet HTML 14Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
ASIX ELECTRONICS CORPORATION
10
AX88655 P 5-Port 10/100/1000BASE-T Ethernet Switch
2.1.5 GMII Interface Port 4
Signal Name
I/O
Pin No.
Description
GTX_CLK4
O
138
125MHz Clock Output: Please references section 2.1.1.
TX_EN4
O
149
Transmit Enable: Please references section 2.1.1.
TXD4[7:0]
O
148 – 141
Transmit Data: Please references section 2.1.1.
TX_CLK4
I/PD
140
MII Transmit Clock Input: Please references section 2.1.1.
COL4
I/PD
126
Collision Detect: Please references section 2.1.1.
CRS4
I/PD
125
Carrier Sense: Please references section 2.1.1.
RX_DV4
I
136
Receive Data Valid: Please references section 2.1.1.
RX_CLK4
I
135
Receive Clock Input: Please references section 2.1.1.
RXD4[7:0]
I/PD
134 - 127
Receive Data: Please references section 2.1.1.
2.2 Miscellaneous
Signal Name
I/O
Pin No.
Description
X_IN
I
35
Crystal or OSC 27MHz Input: This is a clock source of PLL. The
PLL will generate a 90MHz internal clock.
X_OUT
O
36
Crystal 27MHz Output: This pin should be floating with single-ended
external clock.
GCLK
I
161
OSC 125MHz Input: 125MHz Clock for GMII
SYSCLK
I
168
System Clock Input: 85 ~ 90MHz Clock for switch kernel
/GCLK _EN
I/PU
157
GCLK Enable: 0) use GCLK; 1) Reserved
/SYSCLK_EN
I/PU
158
System Clock Enable:
0) use SYSCLK; 1) 90MHz generated by
internal PLL circuit from X_IN clock source.
FILTER
I
40
FILTER: For internal PLL circuit use.
/RST
I
170
Reset: Active Low
MDIO
I/O/PU
165
Station Management Data In/Out: PHY Management Data Input and
Output.
MDC
O
166
Station Management Data Clock Out: PHY Management Clock.
SDIO
I/O/PU
163
EEPROM Data In/Out: EEPROM Serial Data Input and Output.
SDC
I/O/PU
164
EEPROM Data Clock In/Out: EEPROM Serial Clock. (Note: It is
output pin if the embedded MPU is active; otherwise as input pin)
SID[4:0]
I/PD
I/PD
I/PD
I/UP
I/UP
156,
155,
154,
153,
152
Switch ID: MPU can identify the switch and PHYs with this ID.
Default is “00011b”.
GPIO[4:0]
I/O/PU
180 - 176
General Purpose I/O: The 5 GPIOs can be programmed for special
application.
(Note: The function is not released to user normally.
Please contact with ASIX directly if any requirement)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com