Electronic Components Datasheet Search
  English  ▼

X  

AX88655P Datasheet(PDF) 17 Page - ASIX Electronics Corporation

Part # AX88655P
Description  5-Port 10/100/1000BASE-T Ethernet Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88655P Datasheet(HTML) 17 Page - ASIX Electronics Corporation

Back Button AX88655P Datasheet HTML 13Page - ASIX Electronics Corporation AX88655P Datasheet HTML 14Page - ASIX Electronics Corporation AX88655P Datasheet HTML 15Page - ASIX Electronics Corporation AX88655P Datasheet HTML 16Page - ASIX Electronics Corporation AX88655P Datasheet HTML 17Page - ASIX Electronics Corporation AX88655P Datasheet HTML 18Page - ASIX Electronics Corporation AX88655P Datasheet HTML 19Page - ASIX Electronics Corporation AX88655P Datasheet HTML 20Page - ASIX Electronics Corporation AX88655P Datasheet HTML 21Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
ASIX ELECTRONICS CORPORATION
17
AX88655 P 5-Port 10/100/1000BASE-T Ethernet Switch
9
R/W
Back-off algorithm selection
0: disable. Device will perform the IEEE standard exponential back off algorithm when a
collision occurs.
1: enable. When collisions occur, the MACs will back off up to 7 slots.
8
R/W
0: stop generate JAM patterns after some collision that is defined by MaxJam[5:0]
1: Never stop back-pressure
7:5
R/W
Reserved
4:3
R/W
QoS selection
00: disable QoS function
01: Port-Pair Priority algorithm
10: 802.1p
2
R/W
AgingEnable Switch Table Entry Aging Control. Only the dynamically learned addresses
will be aged. All explicit entries will not age. The aging time is programmed in register 0F.
0: disable. The table aging process is disabled.
1: enable. The table aging process is enabled and a hardware process ages every
dynamically learned table entry.
1
R/W
Hash algorithm selection
0: XOR mapping
1: Linear mapping
0
R/W
Reserved
4.16 Register 0F
BIT
R/W
DESCRIPTION
15:9
R/W
Reserved
8:0
R/W
MaxAge. This is a seven-bit register containing unsigned integer for determining the
address-aging timer. The resolution of the normal address aging is (64 M* MaxAge[8:0]) /
FreqencyOfSystemClock. Default value is 300 seconds.
4.17 Register 10
BIT
R/W
DESCRIPTION
15:13
R/W
Reserved
12:10
R/W
Trunking selection for Port[3:0]
000: disable trunking
001: disable trunking
010: one 2-Port Trunking for Port[1:0]
011: one 2-Port Trunking for Port[1:0]
100: one 2-Port Trunking for Port[3:2]
101: one 4-Port Trunking
110: two 2-Port Trunkings for Port[3:2] and Port[1:0]
111: one 4-Port Trunking
9:0
R/W
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com