Electronic Components Datasheet Search
  English  ▼

X  

AX88655P Datasheet(PDF) 4 Page - ASIX Electronics Corporation

Part # AX88655P
Description  5-Port 10/100/1000BASE-T Ethernet Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88655P Datasheet(HTML) 4 Page - ASIX Electronics Corporation

  AX88655P Datasheet HTML 1Page - ASIX Electronics Corporation AX88655P Datasheet HTML 2Page - ASIX Electronics Corporation AX88655P Datasheet HTML 3Page - ASIX Electronics Corporation AX88655P Datasheet HTML 4Page - ASIX Electronics Corporation AX88655P Datasheet HTML 5Page - ASIX Electronics Corporation AX88655P Datasheet HTML 6Page - ASIX Electronics Corporation AX88655P Datasheet HTML 7Page - ASIX Electronics Corporation AX88655P Datasheet HTML 8Page - ASIX Electronics Corporation AX88655P Datasheet HTML 9Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
ASIX ELECTRONICS CORPORATION
4
AX88655 P 5-Port 10/100/1000BASE-T Ethernet Switch
5.0 ELECTRICAL SPECIFICATION AND TIMING ..................................... 19
5.1 ABSOLUTE MAXIMUM RATINGS................................................................................................... 19
5.2 GENERAL OPERATION CONDITIONS............................................................................................ 19
5.3 DC CHARACTERISTICS ..................................................................................................................... 19
5.4 AC SPECIFICATIONS........................................................................................................................... 20
5.4.1 X_IN Signal Timing.................................................................................................................................. 20
5.4.2 Reset Signal Timing ................................................................................................................................. 20
5.4.3 GMII Transmit/Receive Signals Timing .................................................................................................... 21
5.4.4 100 Mbps MII Transmit/Receive Signals Timing ...................................................................................... 22
5.4.5 10 Mbps MII Transmit/Receive Signals Timing ........................................................................................ 23
6.0 PACKAGE INFORMATION .......................................................................................... 25
APPENDIX A: SYSTEM APPLICATIONS ............................................................... 26
A.1 AX88655 AS 5-PORT SOHO HIGH TRAFFIC POWER USER SWITCH ...................................................................... 26
A.2 AX88655 AS 5-PORT SMART SWITCH (DIP SWITCH CONFIGURABLE) ................................................................. 26
A.3 AX88655 FOR 10/100MBPS ETHERNET BACKBONE .......................................................................................... 27
A.4 AX88655 FOR SUPER SERVER TRUNKING APPLICATION.................................................................................... 27
APPENDIX B: DESIGN NOTE .............................................................................................. 28
B.1 USING MII I/F CONNECTS TO MAC.................................................................................................................. 28
APPENDIX C: WEIGHT SETTING FOR QOS..................................................... 29
DEMONSTRATION CIRCUIT (A) : AX88658 SMART SWITCH ... 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com