Electronic Components Datasheet Search
  English  ▼

X  

AX88655P Datasheet(PDF) 31 Page - ASIX Electronics Corporation

Part # AX88655P
Description  5-Port 10/100/1000BASE-T Ethernet Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88655P Datasheet(HTML) 31 Page - ASIX Electronics Corporation

Back Button AX88655P Datasheet HTML 27Page - ASIX Electronics Corporation AX88655P Datasheet HTML 28Page - ASIX Electronics Corporation AX88655P Datasheet HTML 29Page - ASIX Electronics Corporation AX88655P Datasheet HTML 30Page - ASIX Electronics Corporation AX88655P Datasheet HTML 31Page - ASIX Electronics Corporation AX88655P Datasheet HTML 32Page - ASIX Electronics Corporation AX88655P Datasheet HTML 33Page - ASIX Electronics Corporation AX88655P Datasheet HTML 34Page - ASIX Electronics Corporation AX88655P Datasheet HTML 35Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
ASIX ELECTRONICS CORPORATION
31
AX88655 P 5-Port 10/100/1000BASE-T Ethernet Switch
GPHY0.SCH
1.0
AX88655 P 5-Port 10/100/1000BASE-T EtherNet Switch --- Port 0 G'PHY CKT.
C
2
10
Thursday, March 14, 2002
ASIX ELECTRONICS CORPORATION
Title
Size
Document Number
Rev
Date:
Sheet
of
COL
VDD_O
GND
VDD_C
GND
GND
VDD_O
TX_EN
GND
VDD_O
GND
VDD_C
GND
MDIA_P
GND
MDID_P
GND
GND
GND
GND
VDD_C
MDID_N
VDD_C
GND
GND
VDD_C
MDIC_P
VDD_C
MDIB_P
GND
GND
GND
MDIC_N
VDD_C
MDIB_N
MDIA_N
GND
GND
GND
25M_IN
MDC
GTX_CLK
VDD_O
MDIO
VDD_O
VDD_C
GTX_CLK
TX_EN
MDIO
MDC
RESET#
25M_IN
VDD25
VDD18
TXD[0..7]
CRS
COL
RX_CLK
RX_DV
TX_CLK
RXD[0..7]
MDID_P
MDID_N
RX_VDD25
MDIC_N
MDIC_P
RX_VDD25
RX_VDD25
MDIA_N
MDIA_P
RX_VDD25
MDIB_N
MDIB_P
PHYADD2
PHYADD3
DUPLEX
VDD_O
PHYADD0
PHYADD1
PHYADD4
AN_EN
SPEED1
SPEED
SPEED1
SPEED
VDD_O
PHYADD0
AN_EN
DUPLEX
VDD_O
GND
RXD[0..7]
RXD1
RXD5
RXD4
RXD3
RXD6
RXD7
RXD2
RXD0
TXD[0..7]
TX_CLK
RX_CLK
GND
RESET#
VDD_O
VDD25
VDD_C
VDD18
RX_VDD25
CRS
RX_DV
MDI_D+
MDI_C-
MDI_C+
MDI_A+
MDI_A-
MDI_B-
MDI_B+
MDI_D-
MDI_A-
MDI_B+
MDI_D-
MDI_B-
MDI_D+
MDI_C-
MDI_C+
MDI_A+
GND
GND
GND
GND
VDD_O
VDD_O
C40
0.1uF
R29
49.9
D2
LED
C44
0.1uF
R7
4.7k
C5
0.1uF
R3
4.7k
C26
1000pF
D5
LED
C41
0.1uF
C59
0.1uF
C56
0.1uF
R35
49.9
L2
F.B.
R40
1.5K
R27
75
C47
1000pF
JACK1
RJ45_A
2
4
6
1
3
5
7
8
11
12
R10
4.7K
C33
0.1uF
C7
0.1uF
C58
0.1uF
C35
0.1uF
C27
0.1uF
R12
1k
R34
49.9
C60
0.1uF
+ C42
100uF/16V
+ C18
100uF/16V
D1
LED
C55
0.1uF
C3
0.1uF
R33
4.7K
L1
F.B.
C30
0.1uF
TF1
24HST1041
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
MCT1
MX1+
MX1-
MCT2
MX2+
MX2-
MCT3
MX3+
MX3-
MCT4
MX4+
MX4-
TCT1
TD1+
TD1-
TCT2
TD2+
TD2-
TCT3
TD3+
TD3-
TCT4
TD4+
TD4-
R2
4.7k
C28
1000pF
C25
0.1uF
R16
1k
C29
0.1uF
R21
10
U1
DP83865AVH
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
103
104
105
106
107
108
109
110
111
112
113
114
115
116
117
118
119
120
121
122
123
124
125
126
127
128
COL
CRS
RX_ER
IO_VDD
VSS
RX_DV
RXD7
RXD6
RXD5
CORD_VDD
VSS
RXD4
RXD3
RXD2
IO_VDD
VSS
RXD1
RXD0
RX_CLK
IO_VDD
VSS
TX_CLK
TX_ER
TX_EN
CORD_VDD
VSS
RX_VDD
VSS
RX_VDD
VSS
VSS
MDIA_P
MDIA_N
VSS
RX_VDD
VSS
VSS
MDIB_P
MDIB_N
VSS
RX_VDD
VSS
VSS
MDIC_P
MDIC_N
VSS
RX_VDD
VSS
VSS
MDID_P
MDID_N
VSS
R4
4.7k
C19
0.1uF
C14
0.1uF
R42
4.7K
C34
0.1uF
C51
0.1uF
R30
49.9
C54
0.1uF
C61
0.1uF
R11
1k
R22
49.9
C52
0.1uF
C39
0.1uF
C10
0.01uF/2KV
C11
0.1uF
C46
0.1uF
C38
0.1uF
R20
0
R6
4.7k
R36
9.76K
R25
10
R14
1k
C48
0.1uF
R1
4.7k
C53
0.1uF
C15
1000pF
C57
0.1uF
R8
4.7k
C22
0.1uF
C37
0.1uF
R15
1k
D3
LED
R18
49.9
R39
22
R32
10
C36
0.1uF
C32
0.1uF
D4
LED
C1
0.1uF
C49
0.1uF
R19
4.7K
R17
49.9
+ C43
100uF/16V
+ C24
100uF/16V
R26
75
R9
4.7k
C20
1000pF
C50
0.1uF
C6
0.1uF
C9
0.1uF
R23
49.9
R5
4.7k
R31
75
C31
0.1uF
+ C16
22uF
C8
0.1uF
R38
0
C2
0.1uF
C21
0.1uF
C4
0.1uF
R24
75
L3
F.B.
R28
10
C12
0.1uF
C45
1000pF
+ C23
100uF/16V
R37
4.7K
R13
2K
C17
0.1uF
C13
0.1uF
R41
1.5K
GTX_CLK
TXD[0..7]
TX_EN
MDIO
MDC
PHY_RST#
25MHZ
VDD25
VDD18
GND
CRS
COL
RX_CLK
RX_DV
RXD[0..7]
TX_CLK
OPTION
Activity LED
Link
10 LED
Link
100 LED
Link 1000 LED
DUPLEX LED
PHY ID : 00110
Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com