Electronic Components Datasheet Search
  English  ▼

X  

AX88655P Datasheet(PDF) 6 Page - ASIX Electronics Corporation

Part # AX88655P
Description  5-Port 10/100/1000BASE-T Ethernet Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88655P Datasheet(HTML) 6 Page - ASIX Electronics Corporation

Back Button AX88655P Datasheet HTML 2Page - ASIX Electronics Corporation AX88655P Datasheet HTML 3Page - ASIX Electronics Corporation AX88655P Datasheet HTML 4Page - ASIX Electronics Corporation AX88655P Datasheet HTML 5Page - ASIX Electronics Corporation AX88655P Datasheet HTML 6Page - ASIX Electronics Corporation AX88655P Datasheet HTML 7Page - ASIX Electronics Corporation AX88655P Datasheet HTML 8Page - ASIX Electronics Corporation AX88655P Datasheet HTML 9Page - ASIX Electronics Corporation AX88655P Datasheet HTML 10Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
ASIX ELECTRONICS CORPORATION
6
AX88655 P 5-Port 10/100/1000BASE-T Ethernet Switch
1.0 AX88655 Overview
1.1 General Description
The AX88655 Gigabit switch controller supports five 10/100/1000 Mbps ports in wire-speed operation. The AX88655
Gigabit switch controller provides five 10/100/1000 Ethernet ports with GMII/MII interface.
For each ports, the
AX88655 supports GMII (802.3ab) interface with full-duplex operation at Gigabit speed, full- or half-duplex operation
at 10/100 Mbps speed and polls the status of PHYs with an embedded MPU.
Embedded 128K bytes SRAM as a packet buffer operates with an internal 90MHz clock. For efficient utilization of the
packet buffer, there are 1024 128-byte page-links totally in the buffer.
The device supports 4K internal MAC addresses which are shared by all ports with an embedded 32K byte SSRAM. The
learning/routing engine is implemented with a two-way hash/linear algorithm to reduce possibility of routing collision.
Basically the AX88655 supports non-blocking wire speed forwarding rate and no Head-of-Line (HOL) blocking issue.
The AX88655 provides two flow-control mechanisms to avoid loss of data: an optional jamming based backpressure flow
control in the half-duplex operation and IEEE 802.3x in the full-duplex mode.
To support Quality of Service (QoS), each output port has two priority queues and their assignment can be based on the
802.1p priority field or Port-Pair setting. Each output port retrieves the frames from the shared buffer based on queuing
and sends them to the transmitting (Tx) FIFO.
1.2 AX88655 Block Diagram
Fig-1 AX88655 Block Diagram
10/100/1000 MAC
10/100/1000 MAC
10/100/1000 MAC
High Speed
Switch Fabric
Routing /Learning
Engine
Buffer Manager
Packet
Buffer
General Purpose
I/O Interface (GPIO)
GMII PHY
Address Look-up Table
10/100/1000 MAC
10/100/1000 MAC
EEPROM
Interface
GMII PHY
GMII PHY
GMII PHY
GMII PHY
GPIO
Configuration
Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com