Electronic Components Datasheet Search
  English  ▼

X  

FC5754 Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FC5754
Description  Standalone Linear Li-Ion Battery Charger
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC5754 Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FC5754 Datasheet HTML 1Page - First Silicon Co., Ltd FC5754 Datasheet HTML 2Page - First Silicon Co., Ltd FC5754 Datasheet HTML 3Page - First Silicon Co., Ltd FC5754 Datasheet HTML 4Page - First Silicon Co., Ltd FC5754 Datasheet HTML 5Page - First Silicon Co., Ltd FC5754 Datasheet HTML 6Page - First Silicon Co., Ltd FC5754 Datasheet HTML 7Page - First Silicon Co., Ltd FC5754 Datasheet HTML 8Page - First Silicon Co., Ltd FC5754 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
FC5754
2014. 11. 04
4/21
Revision No : 0
Pin Functions
Name
E-SOP-8 SOT-23-5
Function
NC
1,6,8
NA
Not connected.
PROG
2
5
Charge Current Program, Charge Current Monitor and Shutdown Pin. The charge
current is programmed by connecting a 1%resistor, RPROG, to ground. When charging
in constant-current mode, this pin servos to 1V. In all modes, the voltage on this pin
can be used to measure the charge current using the following formula:
IBAT=(VPROG/RPROG)*960
The PROG pin can also be used to shut down the charger. Disconnecting the program
resistor from ground allows a 0.4υA current to pull the PROG pin high. When it reaches
the 1.18V shutdown threshold voltage, the charger enters shutdown mode. This pin is
also clamped to approximately 2.4V. Reconnecting RPROG to ground will return the
charger to normal operation. Connecting the PROG pin to a voltage between 0.2V
and 0.4V can force FC5754 into LDO mode.
The PROG pin must not be directly
shorted to ground at any condition.
GND
3
2
Ground
VIN
4
4
Positive Input Supply Voltage. Provides power to the charger. VIN can range from
VBAT+0.5V to 5.5V and should be bypassed with at least a 1υF capacitor. When VIN
drops to within 30mV above the BAT pin voltage, the FC5754 enters shutdown
mode, dropping IBAT to less than 1υA.
BAT
5
3
Charge Current Output and battery voltage feedback. This pin provides charge
current to the battery and regulates the final float voltage to 4.2V/4.35V. An internal
precision resistor divider from this pin sets the float voltage which is disconnected in
standby, shutdown and sleep modes.
CHGB
7
1
Open-Drain Charge Status Output. An internal N-channel MOSFET connects CHGB pin
to ground when the battery is charging. After the charge cycle is completed, the
internal N-channel MOSFET is replaced by a weak pull-down of approximately 24υA,
indicating an “AC present” condition. When the FC5754 detects an under voltage
lockout condition, CHGB is forced high impedance.
GND
9
NA
Thermal ground area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com