Electronic Components Datasheet Search
  English  ▼

X  

FC5754 Datasheet(PDF) 5 Page - First Silicon Co., Ltd

Part # FC5754
Description  Standalone Linear Li-Ion Battery Charger
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC5754 Datasheet(HTML) 5 Page - First Silicon Co., Ltd

  FC5754 Datasheet HTML 1Page - First Silicon Co., Ltd FC5754 Datasheet HTML 2Page - First Silicon Co., Ltd FC5754 Datasheet HTML 3Page - First Silicon Co., Ltd FC5754 Datasheet HTML 4Page - First Silicon Co., Ltd FC5754 Datasheet HTML 5Page - First Silicon Co., Ltd FC5754 Datasheet HTML 6Page - First Silicon Co., Ltd FC5754 Datasheet HTML 7Page - First Silicon Co., Ltd FC5754 Datasheet HTML 8Page - First Silicon Co., Ltd FC5754 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
FC5754
2014. 11. 04
5/19
Revision No : 0
Absolute Maximum Ratings (Notes 1, 2)
VIN, VBAT, VCHGB
-0.3V to 6.0V
VPROG
(Note 3) -0.3V to VIN +0.3V
BAT Short-Circuit Duration
Continuous
BAT Pin Current
1A
PROG Pin Current
1mA
Storage Temperature Range
-65°C to160°C
Junction Temperature (TJ)
150°C
Lead Temperature (10 sec.)
260°C
Thermal Resistance ( JA)
SOT-23-5
(Note 5)
E-SOP-8L
75°C/W
Operating Ratings
Temperature Range
-40°C to 85°C
Supply Voltage
VBAT+0.5V to 5.5V
Note: Devices are ESD sensitive. The leads should be shorted together or the device placed in conductive foam during
storage or handling to prevent electrostatic damage to the device.
Electrical Characteristics
Unless otherwise specified, TA=25°C and VIN=5V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VBAT
5
.
5
5
2
.
4
V
2
.
4
=
VIN
Input Voltage
VBAT
5
.
5
4
.
4
V
5
3
.
4
=
V
Charge Mode, RPROG=10K (Note 4)
150
260
330
㎂
Standby Mode (Charge
Terminated)
50
106
150
ICC
Input Supply Current
Shutdown Mode (RPROG Not
Connected, VIN<VBAT or VIN <VUV)
20
45
75
0°C ≦ TA ≦ 85°C (VFLOAT=4.2V)
4.158
4.2
4.242
V
VFLOAT
Regulated Output (Float)
Voltage
0°C ≦ TA ≦ 85°C (VFLOAT=4.35V)
4.3065
4.35
4.3935
V
RPROG=2K, Current Mode
447
480
513
mA
Standby Mode, VBAT=4.2V
-1
0
1
Shutdown Mode (RPROG Not
Connected)
-1
0
1
IBAT
BAT Pin Current
Sleep Mode, VIN=0V
-1
0
1
ITRICKLE
Trickle Charge Current
VBAT<VTRICKLE, RPROG=2K
21
50
75
mA
VTRICKLE
Trickle Charge Threshold
Voltage
RPROG=10K, VBAT Rising
2.8
2.9
3.0
V
VTRHYS
Trickle Charge Hysteresis
Voltage
RPROG
V
m
0
1
2
K
0
1
=
VUV
VIN Under voltage Lockout
Threshold
From VIN Low to High
2.45
3.0
3.75
V
VUVHYS
VIN Under voltage Lockout
Hysteresis
V
m
0
8
1
V
5
2
.
1
8
1
.
1
g
n
is
i
R
n
i
P
G
O
R
P
VMSD
Manual Shutdown Threshold
Voltage
V
4
0
.
1
0
0
.
1
g
n
ill
a
F
n
i
P
G
O
R
P
VIN from Low to High
80
140
mV
VASD
VIN-VBAT Lockout Threshold
Voltage
VIN from High to Low
5
30
mV
㎂
㎂
㎂
㎂



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com