Electronic Components Datasheet Search
  English  ▼

X  

FC5754 Datasheet(PDF) 14 Page - First Silicon Co., Ltd

Part # FC5754
Description  Standalone Linear Li-Ion Battery Charger
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC5754 Datasheet(HTML) 14 Page - First Silicon Co., Ltd

Back Button FC5754 Datasheet HTML 10Page - First Silicon Co., Ltd FC5754 Datasheet HTML 11Page - First Silicon Co., Ltd FC5754 Datasheet HTML 12Page - First Silicon Co., Ltd FC5754 Datasheet HTML 13Page - First Silicon Co., Ltd FC5754 Datasheet HTML 14Page - First Silicon Co., Ltd FC5754 Datasheet HTML 15Page - First Silicon Co., Ltd FC5754 Datasheet HTML 16Page - First Silicon Co., Ltd FC5754 Datasheet HTML 17Page - First Silicon Co., Ltd FC5754 Datasheet HTML 18Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
FC5754
2014. 11. 04
14/19
Revision No : 0
Operation
The FC5754 is a single cell lithium-ion battery charger
using a constant-current/constant-voltage algorithm. It
can deliver up to 1A of charge current (using a good
thermal PCB layout) with a final float voltage accuracy
of ±1%. The FC5754 includes
an internal P-channel
power MOSFET and thermal regulation circuitry. No
blocking diode or external current sense resistor is
required; thus, the basic charger circuit requires only
two external components. Furthermore, the FC5754 is
capable of operating from a USB power source.
Normal Charge Cycle
A charge cycle begins when the voltage at the VIN pin
rises above the UVLO threshold level and a 1% program
resistor is connected from the PROG pin to ground or
when a battery is connected to the charger output. If
the BAT pin is less than 2.9V, the charger enters trickle
charge mode. In this mode, the FC5754 supplies
approximately 1/10 the programmed charge current to
bring the battery voltage up to a safe level for full
current charging. When the BAT pin voltage rises above
2.9V, the charger enters constant-current mode, where
the programmed charge current is supplied to the
battery. When the BAT pin approaches the final float
voltage (4.2V), the FC5754 enters constant-voltage
mode and the charge current begins to decrease.
When the charge current drops to 1/10 of the
programmed value, the charge cycle ends.
Programming Charge Current
The charge current is programmed using a single resistor
from the PROG pin to ground. The battery charge
current is 960 times the current out of the PROG pin. The
program resistor and the charge current are calculated
using the following equations:
PROG
CHG
CHG
PROG
R
V
I
I
V
R
960
,
960
=
=
The charge current out of the BAT pin can be
determined at any time by monitoring the PROG pin
voltage using the following equation:
960
∗
=
PROG
PROG
BAT
R
V
I
Charge Termination
A charge cycle is terminated when the charge current
falls to 1/10th the programmed value after the final float
voltage is reached. This condition is detected by using
an internal, filtered comparator to monitor the PROG
pin. When the PROG pin voltage falls below 100mV for
longer than TTERM (typically 1.1ms), charging is
terminated. The charge current is latched off and the
FC5754 enters standby mode, where the input supply
current drops to 106uA. (Note: C/10 termination is
disabled in trickle charging and thermal limiting modes).
The FC5754 draws no current from the battery in
standby mode. This feature reduces the charge and
discharge cycles on the battery, further prolonging the
battery life.
Any external source (VPROG) that holds the PROG pin
above 100mV will prevent the FC5754 from
terminating a charge cycle. However, if the PROG pin is
controlled by external source, current sourcing from the
BAT pin can be infinity (until the internal power MOSFET is
burned out or the BAT pin voltage is close to its final float
voltage), and the formula for charge current is not valid
anymore. Therefore, controlling the PROG pin by
external source below 1.1V should be avoided when a
battery is connected to BAT pin. However, with no
battery present, forcing VPROG to 0.2V~0.4V enables
FC5754 to act as a LDO (LDO mode). In the LDO
mode, load current at the BAT pin is recommended to
be below 150mA to avoid overheating.
When charging, transient loads on the BAT pin can
cause the PROG pin to fall below 100mV for short
periods of time before the DC charge current has
dropped to 1/10th the programmed value. The 1.1ms
filter time (TTERM) on the termination comparator ensures
that transient loads of this nature do not result in
premature charge cycle termination. Once the
average charge current drops below 1/10th the
programmed value, the FC5754 terminates the
charge cycle and ceases to provide any current
through the BAT pin. This is the standby mode, and all
loads on the BAT pin must be supplied by the battery. In
the standby mode, any signal below the manual
shutdown threshold voltage (typically 1.18V) on the
PROG pin is transparent to FC5754.
The FC5754 constantly monitors the BAT pin voltage in
standby mode. If this voltage drops below the 4.05V
recharge threshold (VRECHRG), another charge cycle
begins and current is once again supplied to the
battery. To manually restart a charge cycle when in
standby mode, the input voltage must be removed and
reapplied, or the charger must be shut down and
restarted using the PROG pin.
Charge Status Indicator (CHGB)
The charge status output has three different states:
strong pull-down (~10mA), weak pull-down (~24υA) and
high impedance. The strong pull-down state indicates
that the FC5754 is in a charge cycle. Once the
charge cycle has terminated, the pin state is
determined by undervoltage lockout conditions. A
weak pull-down indicates that VIN meets the UVLO
conditions and the FC5754 is ready to charge. High
impedance indicates that the FC5754 is in
undervoltage lockout mode: either VIN is less than
80mV above the BAT pin voltage or insufficient voltage
is applied to the VIN pin. A microprocessor can be used
to distinguish between these three states—this method
is discussed in the Applications Information section.
Thermal Limiting
An internal thermal feedback loop reduces the
programmed charge current if the die temperature
attempts to rise above a preset value of approximately
120°C. This feature protects the FC5754 from excessive
temperature and allows the user to push the limits of the
power handling capability of a given circuit board
without risk of damaging the FC5754. The charge
current can be set according to typical (not worst-case)
ambient temperature with the assurance that the
charger will automatically reduce the current in
worst-case conditions. SOT power considerations are



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com