Electronic Components Datasheet Search
  English  ▼

X  

FC5754 Datasheet(PDF) 6 Page - First Silicon Co., Ltd

Part # FC5754
Description  Standalone Linear Li-Ion Battery Charger
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC5754 Datasheet(HTML) 6 Page - First Silicon Co., Ltd

Back Button FC5754 Datasheet HTML 2Page - First Silicon Co., Ltd FC5754 Datasheet HTML 3Page - First Silicon Co., Ltd FC5754 Datasheet HTML 4Page - First Silicon Co., Ltd FC5754 Datasheet HTML 5Page - First Silicon Co., Ltd FC5754 Datasheet HTML 6Page - First Silicon Co., Ltd FC5754 Datasheet HTML 7Page - First Silicon Co., Ltd FC5754 Datasheet HTML 8Page - First Silicon Co., Ltd FC5754 Datasheet HTML 9Page - First Silicon Co., Ltd FC5754 Datasheet HTML 10Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
FC5754
2014. 11. 04
6/19
Revision No : 0
ITERM
C/10 Termination Current
Threshold
RPROG
A
m
/
A
m
1
.
0
K
0
1
=
VPROG
PROG Pin Voltage
RPROG=10K, Current Mode
0.93
1.0
1.07
V
ICHGB
CHGB Pin Weak Pull-Down
Current
VCHGB
4
2
V
5
=
㎂
VCHGB
CHGB Pin Output Low Voltage ICHGB
V
6
.
0
3
2
.
0
A
m
5
=
VRECHRG
Recharge Battery Threshold
Voltage
VFLOAT-VRECHRG
V
m
0
6
1
TILM
Junction Temperature in
Constant Temperature Mode
0
2
1
o
C
RON
m
0
5
5
e
c
n
a
t
si
s
e
R
”
N
O
“
T
E
F
r
e
w
o
P
Ω
TSS
Soft-Start Time
IBAT=0 to IBAT=960V/RPROG
100
㎲
TRECHARGE
Recharge Comparator Filter
Time
VBAT
s
m
5
.
4
4
.
2
5
7
.
0
w
o
L
o
t
h
g
i
H
TTERM
Termination Comparator Filter
Time
IBAT Falling Below ICHG/10
0.4
1.1
2.5
ms
IPROG
4
.
0
t
n
e
rr
u
C
p
u
-l
l
u
P
n
i
P
G
O
R
P
Note 1: Absolute Maximum ratings indicate limits beyond which damage may occur. Electrical specifications are not
applicable when the device is operated outside of its rated operating conditions.
Note 2: All voltages are defined and measured with respect to the potential at the ground pin.
Note 3: Can not exceed 6.0V.
Note 4: Supply current includes PROG pin current (approximately 100㎂) but does not include any current delivered
to the battery through the BAT pin (approximately 96mA).
Note 5: 80oC/W to150oC/W, depending on PCB Layout.
㎂



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com