Electronic Components Datasheet Search
  English  ▼

X  

FC5754 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FC5754
Description  Standalone Linear Li-Ion Battery Charger
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC5754 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FC5754 Datasheet HTML 1Page - First Silicon Co., Ltd FC5754 Datasheet HTML 2Page - First Silicon Co., Ltd FC5754 Datasheet HTML 3Page - First Silicon Co., Ltd FC5754 Datasheet HTML 4Page - First Silicon Co., Ltd FC5754 Datasheet HTML 5Page - First Silicon Co., Ltd FC5754 Datasheet HTML 6Page - First Silicon Co., Ltd FC5754 Datasheet HTML 7Page - First Silicon Co., Ltd FC5754 Datasheet HTML 8Page - First Silicon Co., Ltd FC5754 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SEMICONDUCTOR
TECHNICAL DATA
FC5754
2014. 11. 04
1/19
Revision No : 0
Standalone Linear Li-Ion Battery Charger with
Thermal Regulation in SOT-23-5 and E-SOP-8
General Description
The FC5754 is a complete linear charger for single cell
lithium-ion batteries. With small SOT-23-5 package and
few external components, FC5754 is well suited for
portable applications. In addition, the FC5754 is
specifically designed to work within USB power
specifications.
No external sense resistor and blocking diode are
required. Charging current can be programmed
externally with a single resistor. The built-in thermal
regulation facilitates charging with maximum power
without risk of overheating.
The FC5754 always preconditions the battery with
1/10 of the programmed charge current at the
beginning of a charge cycle, until 40υs after it verifies
that the battery can be fast-charged. The FC5754
automatically terminates the charge cycle when the
charge current drops to 1/10th the programmed value
after the final float voltage is reached.
The FC5754 consumes zero reverse current from the
battery at standby, shutdown and sleep modes. This
feature reduces the charge and discharge cycles on
the battery, further prolonging the battery life. The
FC5754 can also be used as a LDO when battery is
removed. Other features include shutdown mode,
charge current monitor, under voltage lockout,
automatic recharge and status indicator.
Features
Programmable charge current up to 1A
No MOSFET, sense resistor or blocking diode
required
Complete linear charger both in SOT-23-5 and
E-SOP-8 for single cell Lithium-ion batteries
Typical zero reverse current from battery
Thermal regulation maximizes charge rate
without risk of overheating
Charges single cell Li-ion batteries directly from
USB port
Act as a LDO when battery is removed
Preset 4.2V/4.35V charge voltage with ±1%
accuracy
Automatic recharge
Charge status indicator
C/10 charge termination
45uA shutdown supply current
2.9V trickle charge threshold
Soft-start limits inrush current
RoHS compliant and Pb-free
Applications
Wireless handsets
Hand-held instruments
Portable information appliances
Bluetooth application
Charging docks and cradles
Typical Application Diagram
Typical Performance Characteristics
Complete Charge Cycle (850mAh Battery)
580 mA Charger
LDO Mode
(Battery Removed)
Time (1000s/DIV)


Similar Part No. - FC5754

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
FC5-12-10Y PANDUIT-FC5-12-10Y Datasheet
133Kb / 3P
QuickNet MTP Fiber Optic Cassettes
FC5-12-3SY PANDUIT-FC5-12-3SY Datasheet
133Kb / 3P
QuickNet MTP Fiber Optic Cassettes
FC5-12-3Y PANDUIT-FC5-12-3Y Datasheet
133Kb / 3P
QuickNet MTP Fiber Optic Cassettes
FC5-24-10Y PANDUIT-FC5-24-10Y Datasheet
133Kb / 3P
QuickNet MTP Fiber Optic Cassettes
logo
Amphenol Communications...
FC50150-0 AMPHENOLCS-FC50150-0  Datasheet
166Kb / 1P
Cable assembly with T812 series connector w/o SR
More results

Similar Description - FC5754

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL4054 BELLING-BL4054 Datasheet
337Kb / 16P
800mA Standalone Linear Li-Ion Battery Charger
logo
Shanghai Consonance Ele...
CN3702 CONSONANCE-CN3702 Datasheet
239Kb / 11P
Standalone Li-ion Battery Charger
CN3703 CONSONANCE-CN3703 Datasheet
238Kb / 11P
Standalone Li-ion Battery Charger
CN3704 CONSONANCE-CN3704 Datasheet
238Kb / 11P
Standalone Li-ion Battery Charger
logo
Lowpower Semiconductor ...
LP28057A POWER-LP28057A Datasheet
416Kb / 7P
1A Standalone Linear Li-Ion Battery Charger
LP4054H POWER-LP4054H Datasheet
354Kb / 8P
600mA Standalone Linear Li-Ion Battery Charger
LP4056H POWER-LP4056H Datasheet
416Kb / 7P
1A Standalone Linear Li-Ion Battery Charger
LP4074 POWER-LP4074 Datasheet
353Kb / 8P
600mA Standalone Linear Li-Ion Battery Charger
LP4075 POWER-LP4075 Datasheet
310Kb / 7P
600mA Standalone Linear Li-Ion Battery Charger
logo
AiT Semiconductor Inc.
A4055 AITSEMI-A4055 Datasheet
922Kb / 19P
BATTERY MANAGEMENT 800mA STANDALONE LINEAR LI-ION BATTERY CHARGER
REV1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com