Electronic Components Datasheet Search
  English  ▼

X  

FC5754 Datasheet(PDF) 15 Page - First Silicon Co., Ltd

Part # FC5754
Description  Standalone Linear Li-Ion Battery Charger
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC5754 Datasheet(HTML) 15 Page - First Silicon Co., Ltd

Back Button FC5754 Datasheet HTML 11Page - First Silicon Co., Ltd FC5754 Datasheet HTML 12Page - First Silicon Co., Ltd FC5754 Datasheet HTML 13Page - First Silicon Co., Ltd FC5754 Datasheet HTML 14Page - First Silicon Co., Ltd FC5754 Datasheet HTML 15Page - First Silicon Co., Ltd FC5754 Datasheet HTML 16Page - First Silicon Co., Ltd FC5754 Datasheet HTML 17Page - First Silicon Co., Ltd FC5754 Datasheet HTML 18Page - First Silicon Co., Ltd FC5754 Datasheet HTML 19Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
FC5754
2014. 11. 04
15/19
Revision No : 0
discussed further in the Applications Information section.
Undervoltage Lockout (UVLO)
An internal undervoltage lockout circuit monitors the
input voltage and keeps the charger in shutdown mode
until VIN rises above the undervoltage lockout threshold.
The UVLO circuit has a built-in hysteresis of 200mV.
Furthermore, to protect against reverse current in the
power MOSFET, the UVLO circuit keeps the charger in
shutdown mode if VIN falls to within 30mV of the battery
voltage. If the UVLO comparator is tripped, the charger
will not come out of shutdown mode until VIN rises 80mV
above the battery voltage.
Manual Shutdown
At any point in the charge cycle, the FC5754 can be
put into shutdown mode by removing RPROG thus floating
the PROG pin. This reduces the battery drain current to
about to 0υA and the supply current to less than 45υA. A
new charge cycle can be initiated by reconnecting the
program resistor.
In manual shutdown, the CHGB pin is in a weak
pull-down state as long as VIN is high enough to exceed
the UVLO conditions. The CHGB pin is in a high
impedance state if the FC57754 is in undervoltage
lockout mode: either VIN is within 80mV of the BAT pin
voltage or insufficient voltage is applied to the VIN pin.
Automatic Recharge
Once the charge cycle is terminated, the FC5754
continuously monitors the voltage on the BAT pin using a
comparator with a 2ms filter time (TRECHARGE). A charge
cycle restarts when the battery voltage falls below
4.05V (which corresponds to approximately 80% to 90%
battery capacity). This ensures that the battery is kept at
or near a fully charged condition and eliminates the
need for periodic charge cycle initiations. CHGB output
enters a strong pulldown state during recharge cycles.
=============================================================================================
Application Information
Stability Considerations
The constant-voltage mode feedback loop is stable
without an output capacitor provided a battery is
connected to the charger output. With no battery
present, an output capacitor is recommended to
reduce ripple voltage. When using high value, low ESR
ceramic capacitors, it is recommended to add a 1Ω
resistor in series with the capacitor. No series resistor is
needed if tantalum capacitors are used.
In constant-current mode, the PROG pin is in the
feedback loop, not the battery. The constant-current
mode stability is affected by the impedance at the
PROG pin. With no additional capacitance on the
PROG pin, the charger is stable with program resistor
values as high as 100k. However, additional
capacitance on this node reduces the maximum
allowed program resistor. The pole frequency at the
PROG pin should be kept above 100kHz. Therefore, if
the PROG pin is loaded with a capacitance, CPROG, the
following equation can be used to calculate the
maximum resistance value for RPROG:
PROG
PROG
C
R
∗
∗
=
5
10
2
1
∏
Average, rather than instantaneous, charge current
may be of interest to the user. For example, if a
switching power supply operating in low current mode is
connected in parallel with the battery, the average
current being pulled out of the BAT pin is typically of
more interest than the instantaneous current pulses. In
such a case, a simple RC filter can be used on the
PROG pin to measure the average battery current as
shown in Figure 1. A 10㎑ resistor has been added
between the PROG pin and the filter capacitor to
ensure stability.
Power Dissipation
The conditions that cause the FC5754 to reduce
charge current through thermal feedback can be
approximated by considering the power dissipated in
the IC. Nearly all of this power dissipation is generated
by the internal MOSFET—this is calculated to be
approximately:
PD = (VIN – VBAT) • IBAT
where PD is the power dissipated, VIN is the input supply
voltage, VBAT is the battery voltage and IBAT is the charge
current. The approximate ambient temperature at
which the thermal feedback begins to protect the IC is:
TA = 120oC – PDθJA
TA = 120 oC – (VIN – VBAT) • IBAT • JA
Example: An FC5754 operating from a 5V USB supply is
programmed to supply 500mA full-scale current to a
discharged Li-Ion battery with a voltage of 3.7V.
Assuming JA is 100oC/W, the ambient temperature at
which the FC5754 will begin to reduce the charge
current is approximately:
TA = 120 oC – (5V – 3.7V) • (500mA) •100oC/W
TA = 120 oC – 0.65W •100oC/W = 120 oC – 65 oC
TA = 55 oC
The F C5754 can be used above 55 oC ambient, but
the charge current will be reduced from 500mA. The
Figure 1. Isolating Capacitive load on PROG Pin and Filtering
θ
θ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com