Electronic Components Datasheet Search
  English  ▼

X  

FC8731 Datasheet(PDF) 5 Page - First Silicon Co., Ltd

Part # FC8731
Description  High-PSRR, Low-Noise, 300mA CMOS Linear Regulator with 3 Types of Output Select
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC8731 Datasheet(HTML) 5 Page - First Silicon Co., Ltd

  FC8731 Datasheet HTML 1Page - First Silicon Co., Ltd FC8731 Datasheet HTML 2Page - First Silicon Co., Ltd FC8731 Datasheet HTML 3Page - First Silicon Co., Ltd FC8731 Datasheet HTML 4Page - First Silicon Co., Ltd FC8731 Datasheet HTML 5Page - First Silicon Co., Ltd FC8731 Datasheet HTML 6Page - First Silicon Co., Ltd FC8731 Datasheet HTML 7Page - First Silicon Co., Ltd FC8731 Datasheet HTML 8Page - First Silicon Co., Ltd FC8731 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Note 1: Absolute Maximum ratings indicate limits beyond which damage may occur. Electrical specifications do not
apply when operating the device outside of its rated operating conditions.
Note 2: All voltages are with respect to the potential at the ground pin.
Note 3: θ JA is measured in the natural convection at TA=25℃ on a high effective thermal conductivity test board (2
layers, 2S0P).
Note 4: θ JC represents the resistance to the heat flows the chip to package top case.
Note 5: Condition does not apply to input voltages below 2.2V since this is the minimum input operating voltage.
Note 6: Dropout voltage is measured by reducing VIN until VOUT drops 100mV from its nominal value at VIN –VOUT = 1V.
Dropout voltage does not apply to the regulator versions with VOUT less than 2.2V.
Note 7: Turn-off time is time measured between the enable input just decreasing below VIL and the output voltage just
decreasing to 10% of its nominal value.
Note 8: Maximum Power dissipation for the device is calculated using the following equations:
JA
θ
A
T
-
J(MAX)
T
D
P
Where TJ(MAX) is the maximum junction temperature, TA is the ambient temperature, and θ JA is the
junction-to-ambient thermal resistance. E.g. for the SOT-25 package θ JA = 152°C/W, TJ (MAX) = 150°C and
using TA = 25°C, the maximum power dissipation is found to be 0.82W. The derating factor (-1/θ JA) =
-6.6mW/°C, thus below 25°C the power dissipation figure can be increased by 6.6mW per degree, and
similarity decreased by this factor for temperatures above 25°C.
Note 9: Typical Values represent the most likely parametric norm
FC8731
=
2018. 05. 03
5/11
Revision No : 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com