Electronic Components Datasheet Search
  English  ▼

X  

FC8731 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FC8731
Description  High-PSRR, Low-Noise, 300mA CMOS Linear Regulator with 3 Types of Output Select
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC8731 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FC8731 Datasheet HTML 1Page - First Silicon Co., Ltd FC8731 Datasheet HTML 2Page - First Silicon Co., Ltd FC8731 Datasheet HTML 3Page - First Silicon Co., Ltd FC8731 Datasheet HTML 4Page - First Silicon Co., Ltd FC8731 Datasheet HTML 5Page - First Silicon Co., Ltd FC8731 Datasheet HTML 6Page - First Silicon Co., Ltd FC8731 Datasheet HTML 7Page - First Silicon Co., Ltd FC8731 Datasheet HTML 8Page - First Silicon Co., Ltd FC8731 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
High-PSRR, Low-Noise, 300mA CMOS Linear
Regulator with 3 Types of Output Select
General Description
The FC8731 features ultra-high power supply
rejection ratio, low output voltage noise, low
dropout voltage, low quiescent current and fast
transient response. It guarantees delivery of 300mA
output current and supports 3 types of output
voltages via ADJ pin.
Based on its low quiescent current consumption and
its less than 1µA shutdown mode of logical operation,
the
FC8731
is
ideal
for
battery-powered
applications. The high power supply rejection ratio
of the FC8731 holds well for low input voltages
typically encountered in battery-operated systems.
The regulator is stable with small ceramic capacitive
loads (2.2µF typical). The FC8731 is available in
miniature SOT-25 packages.
Applications
Wireless handsets
PCMCIA cards
DSP core power
Hand-held instruments
Battery-powered systems
Portable information appliances
Features
300mA guaranteed output current
60dB typical PSRR at 1kHz
130µV (VOUT=3.0V) RMS output voltage noise
(10Hz to 100kHz)
264mV (VOUT=2.8V) typical dropout at 300mA
60µA typical quiescent current
Less than 1µA typical shutdown mode
Fast line and load transient response
2.2V to 5.5V input range
Auto-discharge during chip disable
60µs typical turn-on time
Stable with small ceramic output capacitors
Over temperature and over current
protection
±2% output voltage tolerance
Typical Application
SEMICONDUCTOR
TECHNICAL DATA
FC8731
2018. 05. 03
1/11
Revision No : 1


Similar Part No. - FC8731

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
FC8779 UTC-FC8779 Datasheet
115Kb / 4P
SILICON MONOLITHIC INTEGRATDE CIRCUIT
FC8779G-SM1-R UTC-FC8779G-SM1-R Datasheet
115Kb / 4P
SILICON MONOLITHIC INTEGRATDE CIRCUIT
FC8779G-SM1-R UTC-FC8779G-SM1-R Datasheet
115Kb / 4P
SILICON MONOLITHIC INTEGRATDE CIRCUIT
FC8779L-SM1-R UTC-FC8779L-SM1-R Datasheet
115Kb / 4P
SILICON MONOLITHIC INTEGRATDE CIRCUIT
FC8779L-SM1-R UTC-FC8779L-SM1-R Datasheet
115Kb / 4P
SILICON MONOLITHIC INTEGRATDE CIRCUIT
More results

Similar Description - FC8731

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM3101 PAM-PAM3101 Datasheet
493Kb / 24P
300mA High PSRR Low Dropout CMOS Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP2130 FOSLINK-FSP2130 Datasheet
718Kb / 11P
300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
FSP2131 FOSLINK-FSP2131 Datasheet
718Kb / 11P
300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
FSP2132 FOSLINK-FSP2132 Datasheet
719Kb / 11P
300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
FSP2134 FOSLINK-FSP2134 Datasheet
714Kb / 11P
300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
logo
Power Analog Micoelectr...
PAM3101 PAM-PAM3101_13 Datasheet
1Mb / 26P
300mA High PSRR Low Dropout CMOS Linear Regulator
logo
Analog Microelectronics
AME8853 AME-AME8853 Datasheet
380Kb / 29P
High PSRR, Low Noise, 300mA CMOS Regulator
AME8853A AME-AME8853A Datasheet
341Kb / 29P
High PSRR, Low Noise, 300mA CMOS Regulator
logo
Monolithic Power System...
MP20041 MPS-MP20041 Datasheet
364Kb / 11P
Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
logo
Asahi Kasei Microsystem...
AP1152 AKM-AP1152 Datasheet
1,005Kb / 27P
300mA Output,High PSRR,Low Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com