Electronic Components Datasheet Search
  English  ▼

X  

FC8731 Datasheet(PDF) 9 Page - First Silicon Co., Ltd

Part # FC8731
Description  High-PSRR, Low-Noise, 300mA CMOS Linear Regulator with 3 Types of Output Select
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC8731 Datasheet(HTML) 9 Page - First Silicon Co., Ltd

Back Button FC8731 Datasheet HTML 3Page - First Silicon Co., Ltd FC8731 Datasheet HTML 4Page - First Silicon Co., Ltd FC8731 Datasheet HTML 5Page - First Silicon Co., Ltd FC8731 Datasheet HTML 6Page - First Silicon Co., Ltd FC8731 Datasheet HTML 7Page - First Silicon Co., Ltd FC8731 Datasheet HTML 8Page - First Silicon Co., Ltd FC8731 Datasheet HTML 9Page - First Silicon Co., Ltd FC8731 Datasheet HTML 10Page - First Silicon Co., Ltd FC8731 Datasheet HTML 11Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Input Capacitor
A minimum input capacitance of 2.2µF is required for FC8731. The capacitor value may be increased without
limit. Improper workbench set-ups may have adverse effects on the normal operation of the regulator. A case
in point is the instability that may result from long supply lead inductance coupling to the output through the
gate capacitance of the pass transistor. This will establish a pseudo LCR network, and is likely to happen under
high current conditions or near dropout. A 10µF tantalum input capacitor will dampen the parasitic LCR action
thanks to its high ESR. However, cautions should be exercised to avoid regulator short-circuit damage when
tantalum capacitors are used, for they are prone to fail in short-circuit operating conditions.
Power Dissipation and Thermal Shutdown
Thermal overload results from excessive power dissipation that causes the IC junction temperature to increase
beyond a safe operating level. The FC8731 relies on dedicated thermal shutdown circuitry to limit its total
power dissipation. An IC junction temperature TJ exceeding 165°C will trigger the thermal shutdown logic,
turning off the P-channel MOS pass transistor. The pass transistor turns on again after the junction cools off by
about 30°C. When continuous thermal overload conditions persist, this thermal shutdown action then results in
a pulsed waveform at the output of the regulator. The concept of thermal resistance θJA (°C/W) is often used
to describe an IC junction’s relative readiness in allowing its thermal energy to dissipate to its ambient air. An IC
junction with a low thermal resistance is preferred because it is relatively effective in dissipating its thermal
energy to its ambient, thus resulting in a relatively low and desirable junction temperature. The relationship
between θJA and TJ is as follows:
TJ = θJA x (PD) + TA
TA is the ambient temperature, and PD is the power generated by the IC and can be written as:
PD = IOUT (VIN – VOUT)
As the above equations show, it is desirable to work with Ics whose θJA values are small such that TJ does not
increase strongly with PD. To avoid thermally overloading the FC8731, refrain from exceeding the absolute
maximum junction temperature rating of 150°C under continuous operating conditions. Overstressing the
regulator with high loading currents and elevated input-to-output differential voltages can increase the IC die
temperature significantly.
Shutdown
The FC8731 enters sleep mode when the EN pin is low. When this occurs, the pass transistor, the error amplifier,
and the biasing circuits, including the bandgap reference, are turned off, thus reducing the supply current to
typically < 1uA. The low supply current makes the FC8731 best suited for battery-powered applications. The
maximum guaranteed voltage at the EN pin to enter sleep mode is 0.4V. A minimum guaranteed voltage of
1.2V at the EN pin will activate the FC8731. To constantly keep the regulator on, direct connection of the EN
pin to the VIN pin is allowed.
FC8731
2018. 05. 03
9/11
Revision No : 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com