Electronic Components Datasheet Search
  English  ▼

X  

FC8731 Datasheet(PDF) 6 Page - First Silicon Co., Ltd

Part # FC8731
Description  High-PSRR, Low-Noise, 300mA CMOS Linear Regulator with 3 Types of Output Select
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC8731 Datasheet(HTML) 6 Page - First Silicon Co., Ltd

Back Button FC8731 Datasheet HTML 2Page - First Silicon Co., Ltd FC8731 Datasheet HTML 3Page - First Silicon Co., Ltd FC8731 Datasheet HTML 4Page - First Silicon Co., Ltd FC8731 Datasheet HTML 5Page - First Silicon Co., Ltd FC8731 Datasheet HTML 6Page - First Silicon Co., Ltd FC8731 Datasheet HTML 7Page - First Silicon Co., Ltd FC8731 Datasheet HTML 8Page - First Silicon Co., Ltd FC8731 Datasheet HTML 9Page - First Silicon Co., Ltd FC8731 Datasheet HTML 10Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Typical Performance Characteristics
Unless otherwise specified, VIN = VOUT NOM) + 1V, VEN=VIN, CIN = COUT = 2.2µF, TA = 25°C
PSRR vs. Frequency (VOUT=2.8V)
PSRR vs. Frequency (VOUT=3.0V)
Ground Current vs. VIN (VOUT
I
.
s
v
t
n
e
rr
u
C
d
n
u
o
r
G
)
V
8
.
1
=
OUT
(VOUT=1.8V)
0.0uA
10.0uA
20.0uA
30.0uA
40.0uA
50.0uA
60.0uA
70.0uA
0.0V
1.0V
2.0V
3.0V
4.0V
5.0V
6.0V
0.0uA
20.0uA
40.0uA
60.0uA
80.0uA
100.0uA
120.0uA
140.0uA
160.0uA
0mA
50mA
100mA
150mA
200mA
250m
300mA
ti
m
iL
t
n
e
rr
u
C
t
u
p
t
u
O
e
si
o
N
e
g
a
tl
o
V
t
u
p
t
u
O
2018. 05. 03
6/11
Revision No : 1
FC8731



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com