Electronic Components Datasheet Search
  English  ▼

X  

FC8731 Datasheet(PDF) 11 Page - First Silicon Co., Ltd

Part # FC8731
Description  High-PSRR, Low-Noise, 300mA CMOS Linear Regulator with 3 Types of Output Select
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC8731 Datasheet(HTML) 11 Page - First Silicon Co., Ltd

Back Button FC8731 Datasheet HTML 3Page - First Silicon Co., Ltd FC8731 Datasheet HTML 4Page - First Silicon Co., Ltd FC8731 Datasheet HTML 5Page - First Silicon Co., Ltd FC8731 Datasheet HTML 6Page - First Silicon Co., Ltd FC8731 Datasheet HTML 7Page - First Silicon Co., Ltd FC8731 Datasheet HTML 8Page - First Silicon Co., Ltd FC8731 Datasheet HTML 9Page - First Silicon Co., Ltd FC8731 Datasheet HTML 10Page - First Silicon Co., Ltd FC8731 Datasheet HTML 11Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Package Outline Drawing
SOT-25
TOP VIEW
SIDE VIEW
PIN#1
MARK
1
3
5
4
DETAIL A
E
E1
e
D
A
A1
L
1
3
b
DETAIL A
c
Min.
Max.
A
0.90
1.45
A1
0.00
0.15
b
0.30
0.50
c
0.08
0.25
D
2.70
3.10
E
1.40
1.80
E1
2.60
3.00
e
L
0.30
0.60
0.95 BSC
Symbol
Dimension in mm
FC8731
2018. 05. 03
11/11
Revision No : 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com