Electronic Components Datasheet Search
  English  ▼

X  

FC8731 Datasheet(PDF) 8 Page - First Silicon Co., Ltd

Part # FC8731
Description  High-PSRR, Low-Noise, 300mA CMOS Linear Regulator with 3 Types of Output Select
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC8731 Datasheet(HTML) 8 Page - First Silicon Co., Ltd

Back Button FC8731 Datasheet HTML 3Page - First Silicon Co., Ltd FC8731 Datasheet HTML 4Page - First Silicon Co., Ltd FC8731 Datasheet HTML 5Page - First Silicon Co., Ltd FC8731 Datasheet HTML 6Page - First Silicon Co., Ltd FC8731 Datasheet HTML 7Page - First Silicon Co., Ltd FC8731 Datasheet HTML 8Page - First Silicon Co., Ltd FC8731 Datasheet HTML 9Page - First Silicon Co., Ltd FC8731 Datasheet HTML 10Page - First Silicon Co., Ltd FC8731 Datasheet HTML 11Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Application Information
General Description
Referring to Fig.1 as shown in the Functional Block Diagram section, the FC8731 adopts the classical regulator
topology in which negative feedback control is used to perform the desired voltage regulating function. The
sub Vout-select form the feedback circuit which samples the output voltage for the error amplifier’s
non-inverting input. The inverting input is set to the bandgap reference voltage. Due to its high open-loop gain,
the error amplifier ensures that the sampled output feedback voltage at its non-inverting input is virtually equal
to the preset bandgap reference voltage. The error amplifier compares the voltage difference at its inputs and
produces an appropriate driving voltage to the P-channel MOS pass transistor, which controls the amount of
current reaching the output. If there are changes in the output voltage due to load changes, the feedback
resistors register these changes to the non-inverting input of the error amplifier. The error amplifier then adjusts its
driving voltage to maintain virtual short between its two input nodes under all loading conditions. The
regulation of the output voltage is achieved as a direct result of the error amplifier keeping its input voltages
equal. This negative feedback control topology is further augmented by the shutdown, the temperature and
current protection circuitry.
Selecting the Output Voltage
VOUT can be simply set to VOUT-A/VOUT-B by connecting ADJ pin to GND/VIN via the internal resistors divider in the
IC. FC8731 provides adjusted output voltage function al so via a resistor divider is connected to OUT, ADJ and
GND. The VOUT can be calculated by the following equation:
R1 = R2 [(VOUT / VREF)-1] ..............................(1)
(FIG.2)
Where VREF = 0.746V and VOUT is ranging from 1.0V to 4.5V, the recommended R2 is 240KΩ.
Output Capacitor
The FC8731 is specially designed for use with ceramic output capacitors of as low as 2.2μF to take advantage
of the savings in cost and space, as well as the superior filtering of high frequency noise. Capacitors of higher
value or other types may be used, but it is important to make sure its equivalent series resistance (ESR) be
restricted to less than 0.5Ω. The use of larger capacitors with smaller ESR values is desirable for applications
involving large and fast input or output transients, as well as situations where the application systems are not
physically located immediately adjacent to the battery power source. Typical ceramic capacitors suitable for
use with the FC8731 are X5R and X7R. The X5R and
the X7R capacitors are able to maintain their
capacitance values to within ±20% and ±10%, respectively, as the temperature increases.
No-Load Stability
The FC8731 is capable of stable operation during no-load conditions, a mandatory feature for some
applications such as CMOS RAM keep-alive operations.
2018. 05. 03
8/11
Revision No : 1
FC8731



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com