Electronic Components Datasheet Search
  English  ▼

X  

LM2576 Datasheet(PDF) 12 Page - ON Semiconductor

Part # LM2576
Description  EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2576 Datasheet(HTML) 12 Page - ON Semiconductor

Back Button LM2576 Datasheet HTML 8Page - ON Semiconductor LM2576 Datasheet HTML 9Page - ON Semiconductor LM2576 Datasheet HTML 10Page - ON Semiconductor LM2576 Datasheet HTML 11Page - ON Semiconductor LM2576 Datasheet HTML 12Page - ON Semiconductor LM2576 Datasheet HTML 13Page - ON Semiconductor LM2576 Datasheet HTML 14Page - ON Semiconductor LM2576 Datasheet HTML 15Page - ON Semiconductor LM2576 Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
LM2576
http://onsemi.com
12
Procedure (Adjustable Output Version: LM2576−ADJ) (continued)
Procedure
Example
4. Inductor Selection (L1)
A. Use the following formula to calculate the inductor Volt x
microsecond [V x
ms] constant:
B. Match the calculated E x T value with the corresponding
number on the vertical axis of the Inductor Value Selection
Guide shown in Figure 22. This E x T constant is a
measure of the energy handling capability of an inductor and
is dependent upon the type of core, the core area, the
number of turns, and the duty cycle.
C. Next step is to identify the inductance region intersected by
the E x T value and the maximum load current value on the
horizontal axis shown in Figure 25.
D. From the inductor code, identify the inductor value. Then
select an appropriate inductor from Table 2.
The inductor chosen must be rated for a switching
frequency of 52 kHz and for a current rating of 1.15 x ILoad.
The inductor current rating can also be determined by
calculating the inductor peak current
:
where ton is the “on” time of the power switch and
For additional information about the inductor, see the
inductor section in the “External Components” section of
this data sheet.
ExT
+ V
in
–Vout
Vout
V
in
x
106
F[Hz]
[V x
ms]
I
p(max)
+ I
Load(max) )
V
in
–Vout ton
2L
ton +
Vout
V
in
x 1.0
fosc
4. Inductor Selection (L1)
A. Calculate E x T [V x
ms] constant:
B. E x T = 80 [V x
ms]
C. ILoad(max) = 2.5 A
Inductance Region = H150
D. Proper inductor value = 150
mH
Choose the inductor from Table 2.
ExT
+ (25–8.0) x 8.0
25
x
1000
52
+ 80 [V x ms]
5. Output Capacitor Selection (Cout)
A. Since the LM2576 is a forward−mode switching regulator
with voltage mode control, its open loop 2−pole−1−zero
frequency characteristic has the dominant pole−pair
determined by the output capacitor and inductor values.
For stable operation, the capacitor must satisfy the
following requirement:
B. Capacitor values between 10
mF and 2000 mF will satisfy
the loop requirements for stable operation. To achieve an
acceptable output ripple voltage and transient response, the
output capacitor may need to be several times larger than
the above formula yields.
C. Due to the fact that the higher voltage electrolytic capacitors
generally have lower ESR (Equivalent Series Resistance)
numbers, the output capacitor’s voltage rating should be at
least 1.5 times greater than the output voltage. For a 5.0 V
regulator, a rating of at least 8.0 V is appropriate, and a 10 V
or 16 V rating is recommended.
C
out w
13, 300
V
in(max)
Vout xL[µH]
[
µF]
5. Output Capacitor Selection (Cout)
A.
To achieve an acceptable ripple voltage, select
Cout = 680 mF electrolytic capacitor.
C
out w
13, 300 x
25
8 x 150
+ 332.5 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com