Electronic Components Datasheet Search
  English  ▼

X  

LM2576 Datasheet(PDF) 19 Page - ON Semiconductor

Part # LM2576
Description  EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2576 Datasheet(HTML) 19 Page - ON Semiconductor

Back Button LM2576 Datasheet HTML 15Page - ON Semiconductor LM2576 Datasheet HTML 16Page - ON Semiconductor LM2576 Datasheet HTML 17Page - ON Semiconductor LM2576 Datasheet HTML 18Page - ON Semiconductor LM2576 Datasheet HTML 19Page - ON Semiconductor LM2576 Datasheet HTML 20Page - ON Semiconductor LM2576 Datasheet HTML 21Page - ON Semiconductor LM2576 Datasheet HTML 22Page - ON Semiconductor LM2576 Datasheet HTML 23Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
LM2576
http://onsemi.com
19
This circuit configuration is able to deliver approximately
0.7 A to the output when the input voltage is 12 V or higher.
At lighter loads the minimum input voltage required drops
to approximately 4.7 V, because the buck−boost regulator
topology can produce an output voltage that, in its absolute
value, is either greater or less than the input voltage.
Since the switch currents in this buck−boost configuration
are higher than in the standard buck converter topology, the
available output current is lower.
This type of buck−boost inverting regulator can also
require a larger amount of start−up input current, even for
light loads. This may overload an input power source with
a current limit less than 5.0 A.
Such an amount of input start−up current is needed for at
least 2.0 ms or more. The actual time depends on the output
voltage and size of the output capacitor.
Because of the relatively high start−up currents required
by this inverting regulator topology, the use of a delayed
start−up or an undervoltage lockout circuit is recommended.
Using a delayed start−up arrangement, the input capacitor
can charge up to a higher voltage before the switch−mode
regulator begins to operate.
The high input current needed for start−up is now partially
supplied by the input capacitor Cin.
It has been already mentioned above, that in some
situations, the delayed start−up or the undervoltage lockout
features could be very useful. A delayed start−up circuit
applied to a buck−boost converter is shown in Figure 27,
Figure 33 in the “Undervoltage Lockout” section describes
an undervoltage lockout feature for the same converter
topology.
Design Recommendations:
The inverting regulator operates in a different manner
than the buck converter and so a different design procedure
has to be used to select the inductor L1 or the output
capacitor Cout.
The output capacitor values must be larger than what is
normally required for buck converter designs. Low input
voltages or high output currents require a large value output
capacitor (in the range of thousands of
mF).
The recommended range of inductor values for the
inverting converter design is between 68
mH and 220 mH. To
select an inductor with an appropriate current rating, the
inductor peak current has to be calculated.
The following formula is used to obtain the peak inductor
current:
where ton +
|V
O
|
V
in )
|V
O
|
x
1.0
fosc
, and fosc + 52 kHz.
I
peak [
I
Load
(V
in )
|V
O
|)
V
in
)
V
in
xton
2L
1
Under normal continuous inductor current operating
conditions, the worst case occurs when Vin is minimal.
Figure 27. Inverting Buck−Boost Regulator
with Delayed start−up
D1
1N5822
L1
68
mH
Output
2
4
Feedback
12 V to 25 V
Unregulated
DC Input
Cin
100
mF
/50 V
1
3
5ON/OFF
GN
D
+Vin
−12 V @ 700 m A
Regulated
Output
Cout
2200
mF
/16 V
LM2576−12
C1
0.1
mF
R1
47 k
R2
47 k
Figure 28. Inverting Buck−Boost Regulator Shutdown
Circuit Using an Optocoupler
LM2576−XX
1
3
5GN
D
ON/OFF
+Vin
R2
47 k
Cin
100
mF
NOTE: This picture does not show the complete circuit.
R1
47 k
R3
470
Shutdown
Input
MOC8101
−Vout
Off
On
5.0 V
0
+Vin
With the inverting configuration, the use of the ON/OFF
pin requires some level shifting techniques. This is caused
by the fact, that the ground pin of the converter IC is no
longer at ground. Now, the ON/OFF pin threshold voltage
(1.3 V approximately) has to be related to the negative
output voltage level. There are many different possible shut
down methods, two of them are shown in Figures 28 and 29.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com