Electronic Components Datasheet Search
  English  ▼

X  

LM2576 Datasheet(PDF) 23 Page - ON Semiconductor

Part # LM2576
Description  EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2576 Datasheet(HTML) 23 Page - ON Semiconductor

Back Button LM2576 Datasheet HTML 18Page - ON Semiconductor LM2576 Datasheet HTML 19Page - ON Semiconductor LM2576 Datasheet HTML 20Page - ON Semiconductor LM2576 Datasheet HTML 21Page - ON Semiconductor LM2576 Datasheet HTML 22Page - ON Semiconductor LM2576 Datasheet HTML 23Page - ON Semiconductor LM2576 Datasheet HTML 24Page - ON Semiconductor LM2576 Datasheet HTML 25Page - ON Semiconductor LM2576 Datasheet HTML 26Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
LM2576
http://onsemi.com
23
THE LM2576−ADJ STEP−DOWN VOLTAGE REGULATOR WITH 8.0 V @ 1.0 A OUTPUT POWER
CAPABILITY. TYPICAL APPLICATION WITH THROUGH−HOLE PC BOARD LAYOUT
C1
−
100
mF, 50 V, Aluminium Electrolytic
C2
−
1000
mF, 16 V, Aluminium Electrolytic
D1
−
3.0 A, 40 V, Schottky Rectifier, 1N5822
L1
−
150
mH, RL2444, Renco Electronics
R1
−
1.8 k
W, 0.25 W
R2
−
10 k
W, 0.25 W
Figure 38. Schematic Diagram of the 8.0 V @ 3.0 A Step−Down Converter Using the LM2576−ADJ
Vref = 1.23 V
R1 is between 1.0 k and 5.0 k
D1
1N5822
L1
150
mH
Output
2
R2
10 k
R1
1.8 k
Regulated
Output Filtered
Vout2 = 8.0 V @ 3.0 A
Unregulated
DC Input
C2
1000
mF
/16 V
C1
100
mF
/50 V
LM2576−ADJ
1
5
3ON/OFF
GN
D
+Vin
+Vin = 10 V to 40 V
4
Feedback
Vout + Vref ) 1.0 )
R2
R1
ON/OFF
Figure 39. Printed Circuit Board Layout
Component Side
Figure 40. Printed Circuit Board Layout
Copper Side
LM2576
U1
D1
R1
R2
C1
+
C2
+
L1
ON/OFF
Vout
GNDout
GNDin
+Vin
NOTE: Not to scale.
NOTE: Not to scale.
References
• National Semiconductor LM2576 Data Sheet and Application Note
• National Semiconductor LM2595 Data Sheet and Application Note
• Marty Brown “Practical Switching Power Supply Design”, Academic Press, Inc., San Diego 1990
• Ray Ridley “High Frequency Magnetics Design”, Ridley Engineering, Inc. 1995



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com