Electronic Components Datasheet Search
  English  ▼

X  

LM2576 Datasheet(PDF) 22 Page - ON Semiconductor

Part # LM2576
Description  EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2576 Datasheet(HTML) 22 Page - ON Semiconductor

Back Button LM2576 Datasheet HTML 18Page - ON Semiconductor LM2576 Datasheet HTML 19Page - ON Semiconductor LM2576 Datasheet HTML 20Page - ON Semiconductor LM2576 Datasheet HTML 21Page - ON Semiconductor LM2576 Datasheet HTML 22Page - ON Semiconductor LM2576 Datasheet HTML 23Page - ON Semiconductor LM2576 Datasheet HTML 24Page - ON Semiconductor LM2576 Datasheet HTML 25Page - ON Semiconductor LM2576 Datasheet HTML 26Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
LM2576
http://onsemi.com
22
THE LM2576−5 STEP−DOWN VOLTAGE REGULATOR WITH 5.0 V @ 3.0 A OUTPUT POWER CAPABILITY.
TYPICAL APPLICATION WITH THROUGH−HOLE PC BOARD LAYOUT
Figure 35. Schematic Diagram of the LM2576−5 Step−Down Converter
D1
1N5822
L1
150
mH
Output
2
4
Feedback
Unregulated
DC Input
+Vin = 7.0 to 40 V
Cout
1000
mF
/16 V
C1
100
mF
/50 V
LM2576−5
1
5
3ON/OFF
GN
D
+Vin
ON/OFF
Regulated Output
Vout1 = 5.0 V @ 3.0 A
GNDin
GNDout
C1
−
100
mF, 50 V, Aluminium Electrolytic
C2
−
1000
mF, 16 V, Aluminium Electrolytic
D1
−
3.0 A, 40 V, Schottky Rectifier, 1N5822
L1
−
150
mH, RL2444, Renco Electronics
Figure 36. Printed Circuit Board Layout
Component Side
Figure 37. Printed Circuit Board Layout
Copper Side
LM2576
U1
D1
C1
C2
L1
+
+
Vou
t
GNDout
GNDi
n
+Vin
ON/OFF
NOTE: Not to scale.
NOTE: Not to scale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com