Electronic Components Datasheet Search
  English  ▼

X  

LM2576 Datasheet(PDF) 14 Page - ON Semiconductor

Part # LM2576
Description  EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2576 Datasheet(HTML) 14 Page - ON Semiconductor

Back Button LM2576 Datasheet HTML 10Page - ON Semiconductor LM2576 Datasheet HTML 11Page - ON Semiconductor LM2576 Datasheet HTML 12Page - ON Semiconductor LM2576 Datasheet HTML 13Page - ON Semiconductor LM2576 Datasheet HTML 14Page - ON Semiconductor LM2576 Datasheet HTML 15Page - ON Semiconductor LM2576 Datasheet HTML 16Page - ON Semiconductor LM2576 Datasheet HTML 17Page - ON Semiconductor LM2576 Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
LM2576
http://onsemi.com
14
Table 1. Diode Selection Guide
Schottky
Fast Recovery
3.0 A
4.0 − 6.0 A
3.0 A
4.0 − 6.0 A
VR
Through
Hole
Surface
Mount
Through
Hole
Surface
Mount
Through
Hole
Surface
Mount
Through
Hole
Surface
Mount
20 V
1N5820
MBR320P
SR302
SK32
1N5823
SR502
SB520
30 V
1N5821
MBR330
SR303
31DQ03
SK33
30WQ03
1N5824
SR503
SB530
50WQ03
MUR320
31DF1
HER302
MURS320T3
MURD320
30WF10
MUR420
HER602
MURD620CT
50WF10
40 V
1N5822
MBR340
SR304
31DQ04
SK34
30WQ04
MBRS340T3
MBRD340
1N5825
SR504
SB540
MBRD640CT
50WQ04
HER302
(all diodes
rated
to at least
100 V)
30WF10
(all diodes
rated
to at least
100 V)
(all diodes
rated
to at least
100 V)
(all diodes
rated
to at least
100 V)
50 V
MBR350
31DQ05
SR305
SK35
30WQ05
SB550
50WQ05
100 V)
100 V)
100 V)
100 V)
60 V
MBR360
DQ06
SR306
MBRS360T3
MBRD360
50SQ080
MBRD660CT
NOTE: Diodes listed in bold are available from ON Semiconductor.
Table 2. Inductor Selection by Manufacturer’s Part Number
Inductor
Code
Inductor
Value
Tech 39
Schott Corp.
Pulse Eng.
Renco
L47
47
mH
77 212
671 26980
PE−53112
RL2442
L68
68
mH
77 262
671 26990
PE−92114
RL2443
L100
100
mH
77 312
671 27000
PE−92108
RL2444
L150
150
mH
77 360
671 27010
PE−53113
RL1954
L220
220
mH
77 408
671 27020
PE−52626
RL1953
L330
330
mH
77 456
671 27030
PE−52627
RL1952
L470
470
mH
*
671 27040
PE−53114
RL1951
L680
680
mH
77 506
671 27050
PE−52629
RL1950
H150
150
mH
77 362
671 27060
PE−53115
RL2445
H220
220
mH
77 412
671 27070
PE−53116
RL2446
H330
330
mH
77 462
671 27080
PE−53117
RL2447
H470
470
mH
*
671 27090
PE−53118
RL1961
H680
680
mH
77 508
671 27100
PE−53119
RL1960
H1000
1000
mH
77 556
671 27110
PE−53120
RL1959
H1500
1500
mH
*
671 27120
PE−53121
RL1958
H2200
2200
mH
*
671 27130
PE−53122
RL2448
NOTE: *Contact Manufacturer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com