Electronic Components Datasheet Search
  English  ▼

X  

UCD7201 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UCD7201
Description  Digital Control Compatible Dual Low-Side 짰 Amp MOSFET Drivers with Programmable Common Current Sense
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD7201 Datasheet(HTML) 4 Page - Texas Instruments

  UCD7201 Datasheet HTML 1Page - Texas Instruments UCD7201 Datasheet HTML 2Page - Texas Instruments UCD7201 Datasheet HTML 3Page - Texas Instruments UCD7201 Datasheet HTML 4Page - Texas Instruments UCD7201 Datasheet HTML 5Page - Texas Instruments UCD7201 Datasheet HTML 6Page - Texas Instruments UCD7201 Datasheet HTML 7Page - Texas Instruments UCD7201 Datasheet HTML 8Page - Texas Instruments UCD7201 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
www.ti.com
UCD7201
SLUS645B – FEBRUARY 2005 – REVISED JULY 2005
ELECTRICAL CHARACTERISTICS (continued)
V
DD = 12 V, 4.7-µF capacitor from VDD to GND, 0.22µF from 3V3 to AGND, TA = TJ = -40°C to 105°C, (unless otherwise
noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Frequency
-
-
2
MHz
CURRENT LIMIT (ILIM)
ILIM internal current limit threshold
ILIM = OPEN
0.51
0.55
0.58
ILIM maximum current limit threshold
ILIM = 3.3 V
1.05
1.10
1.15
ILIM current limit threshold
ILIM = 0.75 V
0.700
0.725
0.750
V
ILIM minimum current limit threshold
ILIM = 0.25 V
0.21
0.23
0.25
CLF output high level
CS > ILIM , ILOAD = -7 mA
2.64
-
-
CLF output low level
CS
≤ I
LIM, ILOAD = 7 mA
-
-
0.66
Propagation delay from IN to CLF
IN rising to CLF falling after a current limit event
-
10
20
ns
CURRENT SENSE COMPARATOR
Bias voltage
Includes CS comp offset
5
25
50
mV
Input bias current
-
–1
-
uA
Propagation delay from CS to OUTx
ILIM = 0.5 V, measured on OUTx, CS = threshold + 60 mV
-
25
40
(1)
ns
Propagation delay from CS to CLF(1)
ILIM = 0.5 V, measured on CLF, CS = threshold + 60 mV
-
25
50
CURRENT SENSE DISCHARGE TRANSISTOR
Discharge resistance
IN = low, resistance from CS to AGND
10
35
75
Ω
OUTPUT DRIVERS
Source current (1)
VDD = 12 V, IN = high, OUTx = 5 V
4
Sink current (1)
VDD = 12 V, IN = low, OUTx = 5 V
4
A
Source current(1)
VDD = 4.75 V, IN = high, OUTx = 0
2
Sink current (1)
VDD = 4.75 V, IN = low, OUTx = 4.75 V
3
Rise time, tR
CLOAD= 2.2 nF, VDD = 12 V
10
20
ns
Fall time, tF
CLOAD = 2.2 nF, VDD = 12 V
10
15
Output with VDD < UVLO
VDD =1.0 V, ISINK = 10 mA
0.8
1.2
V
Propagation delay from IN to OUT1,
CLOAD = 2.2 nF, VDD = 12 V, CLK rising
20
35
tD1
ns
Propagation delay from IN to OUT2,
CLOAD = 2.2 nF, VDD = 12 V, CLK falling
20
35
tD2
(1)
Ensured by design. Not 100% tested in production.
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com