Electronic Components Datasheet Search
  English  ▼

X  

UCD7201 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # UCD7201
Description  Digital Control Compatible Dual Low-Side 짰 Amp MOSFET Drivers with Programmable Common Current Sense
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD7201 Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCD7201 Datasheet HTML 5Page - Texas Instruments UCD7201 Datasheet HTML 6Page - Texas Instruments UCD7201 Datasheet HTML 7Page - Texas Instruments UCD7201 Datasheet HTML 8Page - Texas Instruments UCD7201 Datasheet HTML 9Page - Texas Instruments UCD7201 Datasheet HTML 10Page - Texas Instruments UCD7201 Datasheet HTML 11Page - Texas Instruments UCD7201 Datasheet HTML 12Page - Texas Instruments UCD7201 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
www.ti.com
Thermal Information
Circuit Layout Recommendations
UCD7201
SLUS645B – FEBRUARY 2005 – REVISED JULY 2005
Note that the PowerPAD™ is not directly connected
to any leads of the package. However, it is electrically
The useful range of a driver is greatly affected by the
and thermally connected to the substrate which is the
drive power requirements of the load and the thermal
ground of the device. The PowerPad™ should be
characteristics of the device package. In order for a
connected to the quiet ground of the circuit.
power driver to be useful over a particular tempera-
ture range the package must allow for the efficient
removal of the heat produced while keeping the
junction temperature within rated limits. The UCD7K
In a power driver operating at high frequency, it is
family of drivers is available in PowerPAD™ TSSOP
critical to minimize stray inductance to minimize
and QFN/DFN packages to cover a range of appli-
overshoot/undershoots and ringing. The low output
cation requirements. Both have an exposed pad to
impedance of these drivers produces waveforms with
enhance thermal conductivity from the semiconductor
high di/dt. This tends to induce ringing in the parasitic
junction.
inductances. It is advantageous to connect the driver
device close to the MOSFETs. It is recommended
As illustrated in Reference [2], the PowerPAD™
that the PGND and the AGND pins be connected to
packages offer a leadframe die pad that is exposed at
the PowerPad™ of the package with a thin trace. It is
the base of the package. This pad is soldered to the
critical to ensure that the voltage potential between
copper on the PC board (PCB) directly underneath
these two pins does not exceed 0.3 V. The use of
the device package, reducing the TJC down to
schottky diodes on the outputs to PGND and PVDD is
2.07°C/W. The PC board must be designed with
recommended when driving gate transformers.
thermal lands and thermal vias to complete the heat
removal subsystem, as summarized in Reference [3].
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com