Electronic Components Datasheet Search
  English  ▼

X  

UCD7201 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UCD7201
Description  Digital Control Compatible Dual Low-Side 짰 Amp MOSFET Drivers with Programmable Common Current Sense
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD7201 Datasheet(HTML) 2 Page - Texas Instruments

  UCD7201 Datasheet HTML 1Page - Texas Instruments UCD7201 Datasheet HTML 2Page - Texas Instruments UCD7201 Datasheet HTML 3Page - Texas Instruments UCD7201 Datasheet HTML 4Page - Texas Instruments UCD7201 Datasheet HTML 5Page - Texas Instruments UCD7201 Datasheet HTML 6Page - Texas Instruments UCD7201 Datasheet HTML 7Page - Texas Instruments UCD7201 Datasheet HTML 8Page - Texas Instruments UCD7201 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
www.ti.com
DESCRIPTION (CONT.)
CONNECTION DIAGRAMS
16
15
14
13
3V3
IN1
AGND
IN2
RSA−16 PACKAGE
(BOTTOM VIEW)
5
6
7
8
1
PVDD
OUT1
OUT2
PGND
2
3
4
12
11
10
9
1
2
3
4
5
6
7
14
13
12
11
10
9
8
PWP−14 PACKAGE
(TOP VIEW)
NC − No internal connection
NC
3V3
IN1
AGND
IN2
CLF
ILIM
NC
VDD
PVDD
OUT1
OUT2
PGND
CS
UCD7201
SLUS645B – FEBRUARY 2005 – REVISED JULY 2005
For similar applications requiring direct start-up capability from higher voltages such as the 48-V telecom input
line, the UCD7601 includes a 110-V high-voltage startup circuit.
The UCD7K driver family is compatible with standard 3.3-V I/O ports of DSPs, Microcontrollers, or ASICs.
UCD7201 is offered in PowerPAD™ HTSSOP-14 or space-saving QFN-16 packages.
ORDERING INFORMATION
PACKAGED DEVICES (1)(2)
110-V HV
CURRENT SENSE LIMIT
TEMPERATURE RANGE
STARTUP CIR-
PowerPAD™ HTSSOP-14
PER CHANNEL
QFN-16 (RSA)(3)
CUIT
(PWP)
-40°C to 105°C
Common
No
UCD7201PWP
UCD7201RSA
(1)
These products are packaged in Pb-Free and Green lead finish of Pd-Ni-Au which is compatible with MSL level 1 at 255°C to 260°C
peak reflow temperature to be compatible with either lead free or Sn/Pb soldering operations.
(2)
HTSSOP-14 (PWP) and QFN-16 (RSA), packages are available taped and reeled. Add R suffix to device type (e.g. UCD7201PWPR) to
order quantities of 2,000 devices per reel for the PWP package and 1,000 devices per reel for the RSA packages.
(3)
Contact factory for availability of QFN packaging.
PACKAGING INFORMATION
θ
JC
θ
JA
POWER RATING
DERATING FACTOR,
PACKAGE
SUFFIX
TA = 70°C,
ABOVE 70
°C (mW/°C)
(
°C/W)
(
°C/W)
TJ = 125°C (mW)
PowerPAD™
PWP
2.07
37.47(1)
1470
27
HTSSOP- 14
QFN-16
RSA
-
-
-
-
(1)
PowerPAD® soldered to the PWB (TI recommended PWB as defind in TI's application report SLMA002 pg.33) with OLFM.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com