Electronic Components Datasheet Search
  English  ▼

X  

UCD7201 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # UCD7201
Description  Digital Control Compatible Dual Low-Side 짰 Amp MOSFET Drivers with Programmable Common Current Sense
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD7201 Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCD7201 Datasheet HTML 7Page - Texas Instruments UCD7201 Datasheet HTML 8Page - Texas Instruments UCD7201 Datasheet HTML 9Page - Texas Instruments UCD7201 Datasheet HTML 10Page - Texas Instruments UCD7201 Datasheet HTML 11Page - Texas Instruments UCD7201 Datasheet HTML 12Page - Texas Instruments UCD7201 Datasheet HTML 13Page - Texas Instruments UCD7201 Datasheet HTML 14Page - Texas Instruments UCD7201 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
www.ti.com
Typical Characteristics
−50
50
125
−25
0
25
75
100
3.24
3.26
3.28
3.30
3.32
3.34
3.36
t − Temperature −
°C
−50
50
5.0
4.5
2.5
2.0
1.5
0.5
0.0
−25
0
25
75
100
4.0
1.0
3.5
3.0
UVLO on
UVLO off
UVLO hysteresis
t − Temperature −
°C
125
−50
50
125
−25
0
25
75
100
20.0
20.5
21.0
21.5
22.0
22.5
23.0
t − Temperature −
°C
VDD = 4.75 V
VDD = 12 V
0
1000
1500
500
0
20
40
60
80
100
120
140
160
f − Frequency − kHz
CLOAD = 10 nF
CLOAD = 4.7 nF
CLOAD = 2.2 nF
CLOAD = 1 nF
UCD7201
SLUS645B – FEBRUARY 2005 – REVISED JULY 2005
UVLO THRESHOLDS
3V3 REFERENCE VOLTAGE
vs
vs
TEMPERATURE
TEMPERATURE
Figure 4.
Figure 5.
3V3 SHORT CIRCUIT CURRENT
SUPPLY CURRENT
vs
vs
TEMPERATURE
FREQUENCY (VDD = 5 V)
Figure 6.
Figure 7.
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com