Electronic Components Datasheet Search
  English  ▼

X  

UCD7201 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UCD7201
Description  Digital Control Compatible Dual Low-Side 짰 Amp MOSFET Drivers with Programmable Common Current Sense
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD7201 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCD7201 Datasheet HTML 2Page - Texas Instruments UCD7201 Datasheet HTML 3Page - Texas Instruments UCD7201 Datasheet HTML 4Page - Texas Instruments UCD7201 Datasheet HTML 5Page - Texas Instruments UCD7201 Datasheet HTML 6Page - Texas Instruments UCD7201 Datasheet HTML 7Page - Texas Instruments UCD7201 Datasheet HTML 8Page - Texas Instruments UCD7201 Datasheet HTML 9Page - Texas Instruments UCD7201 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
www.ti.com
TERMINAL FUNCTIONS
UCD7201
SLUS645B – FEBRUARY 2005 – REVISED JULY 2005
UCD7201
PIN
I/O
FUNCTION
HTSSOP
QFN-16
NAME
-14 PIN #
PIN #
1
-
NC
-
No Connection
Regulated 3.3-V rail. The onboard linear voltage regulator is capable of sourcing up to 10 mA
2
1
3V3
O
of current. Place 0.22 µF of ceramic capacitance from this pin to ground.
The IN pin is a high impedance digital input capable of accepting 3.3-V logic level signals up
3
2
IN1
I
to 2 MHz. There is an internal Schmitt trigger comparator which isolates the internal circuitry
from any external noise.
4
3
AGND
-
Analog ground return.
The IN pin is a high impedance digital input capable of accepting 3.3-V logic level signals up
5
4
IN2
I
to 2 MHz. There is an internal Schmitt trigger comparator which isolates the internal circuitry
from any external noise.
Current limit flag. When the CS level is greater than the ILIM voltage minus 25 mV, the output
6
5
CLF
O
of the driver is forced low and the current limit flag (CLF) is set high. The CLF signal is
latched high until the device receives the next rising edge on the IN pin.
Current limit threshold set pin. The current limit threshold can be set to any value between
7
6
ILIM
I
0.25 V and 1.0 V. The default value while open is 0.5 V.
Current sense pin. Fast current limit comparator connected to the CS pin is used to protect
8
7
CS
I
the power stage by implementing cycle-by-cycle current limiting.
Power ground return. The pin should be connected very closely to the source of the power
9
8, 9
PGND
-
MOSFET.
10
10
OUT2
O
The high-current TrueDrive™ driver output.
11
11
OUT1
O
The high-current TrueDrive™ driver output.
Supply pin provides power for the output drivers. It is not connected internally to the VDD
12
12
PVDD
I
supply rail. The bypass capacitor for this pin should be returned to PGND.
Supply input pin to power the driver. The UCD7K devices accept an input range of 4.5 V to 15
13
13
VDD
I
V. Bypass the pin with at least 4.7 µF of capacitance, returned to AGND.
14, 15,
No Connection.
14
NC
-
16
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com