Electronic Components Datasheet Search
  English  ▼

X  

UCD7201 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # UCD7201
Description  Digital Control Compatible Dual Low-Side 짰 Amp MOSFET Drivers with Programmable Common Current Sense
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD7201 Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCD7201 Datasheet HTML 6Page - Texas Instruments UCD7201 Datasheet HTML 7Page - Texas Instruments UCD7201 Datasheet HTML 8Page - Texas Instruments UCD7201 Datasheet HTML 9Page - Texas Instruments UCD7201 Datasheet HTML 10Page - Texas Instruments UCD7201 Datasheet HTML 11Page - Texas Instruments UCD7201 Datasheet HTML 12Page - Texas Instruments UCD7201 Datasheet HTML 13Page - Texas Instruments UCD7201 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
www.ti.com
Additional Application Circuits
Isolation
Amplifier
COMMUNICATION
(Programming & Status Reporting)
14
1
13
8
PVDD
VDD
CS
10
OUT2
3
4
2
5
6
IN1
AGND
3V3
IN2
CLF
7
UCD7201PWP
11
OUT1
9
PGND
12
NC
ILIM
NC
Bias Supply
Bias Winding
VIN
VOUT
DIGITAL
CONTROLLER
GND
PWMA
ADC4
INTERRUPT or CCR
PWMB
ADC3
VCC
PWM or GPIO
ADC1
ADC2
CS
XFMR
Gate Drive
Transformer
(3 winding)
15
16
14
2
4
14
1
13
8
PVDD
VDD
CS
10
OUT2
3
4
2
5
6
IN1
AGND
3V3
IN2
CLF
7
UCD7201
11
OUT1
9
PGND
12
NC
ILIM
NC
Bias Supply
Bias Winding
VIN
VOUT
13
UCC28089
GND
OUTA
OUTB
VDD
DIS
CS
3
1 SYNC
CT
UCD7201
SLUS645B – FEBRUARY 2005 – REVISED JULY 2005
Figure 2 shows the UCD7201 in a half-bridge converter design. The digital controller is performing the output
voltage compensation and all supervisory functions. The isolation amplifier is made up of a linear opto-coupler
configured for a gain of 1/10, so the output voltage is transformed to a level comparable with the ADC of the
digital controller.
Figure 2. Half-Bridge Converter
Figure 3 shows the UCD7201 in an analog only implementation of an intermediate bus converter. The ILIM pin of
the UCD7201 is exponentially increased at start-up, which minimizes overshoot on the output voltage. The
UCC28089 is a push-pull controller with fixed dead-time. The UCC28089 operates at a fixed duty cycle close to
100% so the circuit acts like a DC transformer linearly transforming the input voltage via the turns ratio of the
transformer.
Figure 3. Intermediate Bus Converter
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com