Electronic Components Datasheet Search
  English  ▼

X  

HD64F2145 Datasheet(PDF) 439 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 439 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 435Page - Renesas Technology Corp HD64F2145 Datasheet HTML 436Page - Renesas Technology Corp HD64F2145 Datasheet HTML 437Page - Renesas Technology Corp HD64F2145 Datasheet HTML 438Page - Renesas Technology Corp HD64F2145 Datasheet HTML 439Page - Renesas Technology Corp HD64F2145 Datasheet HTML 440Page - Renesas Technology Corp HD64F2145 Datasheet HTML 441Page - Renesas Technology Corp HD64F2145 Datasheet HTML 442Page - Renesas Technology Corp HD64F2145 Datasheet HTML 443Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 439 / 829 page
background image
Rev. 2.0, 08/02, page 399 of 788
16.3.3
Second Slave Address Register (SARX)
SARX sets the second slave address and selects the communication format. In slave mode,
transmit/receive operations by the DTC are possible when the received address matches the
second slave address. If the LSI is in slave mode with the I
2C bus format selected, when the FSX
bit is set to 0 and the upper 7 bits of SARX match the upper 7 bits of the first frame received after
a start condition, the LSI operates as the slave device specified by the master device. SARX can be
accessed only when the ICE bit in ICCR is cleared to 0.
Bit
Bit Name
Initial Value R/W
Description
7
6
5
4
3
2
1
SVAX6
SVAX5
SVAX4
SVAX3
SVAX2
SVAX1
SVAX0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Second Slave Address 6 to 0
Set the second slave address.
0
FSX
1
R/W
Format Select X
Selects the communication format together with the FS bit
in SAR and the SW bit in DDCSWR. Refer to table 16.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com