Electronic Components Datasheet Search
  English  ▼

X  

HD64F2145 Datasheet(PDF) 440 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 440 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 436Page - Renesas Technology Corp HD64F2145 Datasheet HTML 437Page - Renesas Technology Corp HD64F2145 Datasheet HTML 438Page - Renesas Technology Corp HD64F2145 Datasheet HTML 439Page - Renesas Technology Corp HD64F2145 Datasheet HTML 440Page - Renesas Technology Corp HD64F2145 Datasheet HTML 441Page - Renesas Technology Corp HD64F2145 Datasheet HTML 442Page - Renesas Technology Corp HD64F2145 Datasheet HTML 443Page - Renesas Technology Corp HD64F2145 Datasheet HTML 444Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 440 / 829 page
background image
Rev. 2.0, 08/02, page 400 of 788
Table 16.2
Communication Format
DDCSWR
SAR
SARX
SW
FS
FSX
Operating Mode
0I
2C bus format
• SAR and SARX slave addresses recognized
• General call address recognized
0
1I
2C bus format
• SAR slave address recognized
• SARX slave address ignored
• General call address recognized
0I
2C bus format
• SAR slave address ignored
• SARX slave address recognized
• General call address ignored
0
1
1
Clocked synchronous serial format
• SAR and SARX slave addresses ignored
• General call address ignored
0
0
1
0
Formatless mode (start/stop conditions not detected)
• Acknowledge bit used
1
1
1
Formatless mode* (start/stop conditions not detected)
• No acknowledge bit
Do not set this mode when automatic switching to the I
2C
bus format is performed by means of the DDCSWR setting.
• I2C bus format: addressing format with an acknowledge bit
• Clocked synchronous serial format: non-addressing format without an acknowledge bit, for
master mode only
• Formatless mode (for IIC_0 only): non-addressing format with or without an acknowledge bit,
slave mode only, start/stop conditions not detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com