| Electronic Components Datasheet Search |
|
HD64F2145 Datasheet(PDF) 444 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2145 Datasheet(HTML) 444 Page - Renesas Technology Corp |
|
444 / 829 page ![]() Rev. 2.0, 08/02, page 404 of 788 16.3.5 I 2C Bus Control Register (ICCR) ICCR controls the I 2C bus interface and performs interrupt flag confirmation. Bit Bit Name Initial Value R/W Description 7ICE 0 R/W I 2C Bus Interface Enable 0: I 2C bus interface modules are stopped and I2C bus interface module internal state is initialized. SAR and SARX can be accessed. 1: I 2C bus interface modules can perform transfer operation, and the ports function as the SCL and SDA input/output pins. ICMR and ICDR can be accessed. 6IEIC 0 R/W I 2C Bus Interface Interrupt Enable 0: Disables interrupts from the I 2C bus interface to the CPU 1: Enables interrupts from the I 2C bus interface to the CPU. 5 4 MST TRS 0 0 R/W R/W Master/Slave Select Transmit/Receive Select 00: Slave receive mode 01: Slave transmit mode 10: Master receive mode 11: Master transmit mode Both these bits will be cleared by hardware when they lose in a bus contention in master mode with the I 2C bus format. In slave receive mode with I 2C bus format, the R/W bit in the first frame immediately after the start condition sets these bits in receive mode or transmit mode automatically by hardware. Modification of the TRS bit during transfer is deferred until transfer is completed, and the changeover is made after completion of the transfer. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |