Electronic Components Datasheet Search
  English  ▼

X  

HD64F2145 Datasheet(PDF) 446 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 446 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 442Page - Renesas Technology Corp HD64F2145 Datasheet HTML 443Page - Renesas Technology Corp HD64F2145 Datasheet HTML 444Page - Renesas Technology Corp HD64F2145 Datasheet HTML 445Page - Renesas Technology Corp HD64F2145 Datasheet HTML 446Page - Renesas Technology Corp HD64F2145 Datasheet HTML 447Page - Renesas Technology Corp HD64F2145 Datasheet HTML 448Page - Renesas Technology Corp HD64F2145 Datasheet HTML 449Page - Renesas Technology Corp HD64F2145 Datasheet HTML 450Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 446 / 829 page
background image
Rev. 2.0, 08/02, page 406 of 788
Bit
Bit Name
Initial Value R/W
Description
2
0
BBSY
SCP
0
1
R/W
W
Bus Busy
Start Condition/Stop Condition Prohibit
In master mode:
• Writing 0 in BBSY and 0 in SCP: A stop condition is
issued
• Writing 1 in BBSY and 0 in SCP: A start condition and a
restart condition are issued
In slave mode:
• Writing to the BBSY flag is disabled.
[BBSY setting condition]
When the SDA level changes from high to low under the
condition of SCL = high, assuming that the start condition
has been issued.
[BBSY clearing condition]
When the SDA level changes from low to high under the
condition of SCL = high, assuming that the stop condition
has been issued.
To issue a start/stop condition, use the MOV instruction.
The I
2C bus interface must be set in master transmit mode
before the issue of a start condition. Set MST to 1 and TRS
to 1 before writing 1 in BBSY and 0 in SCP.
The BBSY flag can be read to check whether the I
2C bus
(SCL, SDA) is busy or free.
The SCP bit is always read as 1. If 0 is written, the data is
not stored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com