Electronic Components Datasheet Search
  English  ▼

X  

HD64F2145 Datasheet(PDF) 448 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 448 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 444Page - Renesas Technology Corp HD64F2145 Datasheet HTML 445Page - Renesas Technology Corp HD64F2145 Datasheet HTML 446Page - Renesas Technology Corp HD64F2145 Datasheet HTML 447Page - Renesas Technology Corp HD64F2145 Datasheet HTML 448Page - Renesas Technology Corp HD64F2145 Datasheet HTML 449Page - Renesas Technology Corp HD64F2145 Datasheet HTML 450Page - Renesas Technology Corp HD64F2145 Datasheet HTML 451Page - Renesas Technology Corp HD64F2145 Datasheet HTML 452Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 448 / 829 page
background image
Rev. 2.0, 08/02, page 408 of 788
Bit
Bit Name
Initial Value R/W
Description
1
IRIC
0
R/W
Clocked synchronous serial format and formatless modes:
• At the end of data transfer (rise of the 8th
transmit/receive clock with serial format selected and
rise of the 9th transmit/receive clock with formatless
selected)
• When a start condition is detected with serial format
selected
• When the SW bit in DDCSWR is set to 1
When the ICDRE or ICDRF flag is set to 1 in any operating
mode:
• When a start condition is detected in transmit mode
(when a start condition is detected in transmit mode
and the ICDRE flag is set to 1)
• When data is transferred among the ICDR register and
buffer (when data is transferred from ICDRT to ICDRS
in transmit mode and the ICDRE flag is set to 1, or
when data is transferred from ICDRS to ICDRR in
receive mode and the ICDRF flag is set to 1)
[Clearing conditions]
• When 0 is written in IRIC after reading IRIC = 1
• When ICDR is read from or written to by the DTC (This
may not function as a clearing condition depending on
the situation. For details, see the description of the DTC
operation given below.)
Note: * Only 0 can be written, to clear the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com