Electronic Components Datasheet Search
  English  ▼

X  

HD64F2145 Datasheet(PDF) 447 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 447 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 443Page - Renesas Technology Corp HD64F2145 Datasheet HTML 444Page - Renesas Technology Corp HD64F2145 Datasheet HTML 445Page - Renesas Technology Corp HD64F2145 Datasheet HTML 446Page - Renesas Technology Corp HD64F2145 Datasheet HTML 447Page - Renesas Technology Corp HD64F2145 Datasheet HTML 448Page - Renesas Technology Corp HD64F2145 Datasheet HTML 449Page - Renesas Technology Corp HD64F2145 Datasheet HTML 450Page - Renesas Technology Corp HD64F2145 Datasheet HTML 451Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 447 / 829 page
background image
Rev. 2.0, 08/02, page 407 of 788
Bit
Bit Name
Initial Value R/W
Description
1
IRIC
0
R/W
I
2C Bus Interface Interrupt Request Flag
Indicates that the I
2C bus interface has issued an interrupt
request to the CPU.
IRIC is set at different times depending on the FS bit in
SAR, the FSX bit in SARX, and the WAIT bit in ICMR. See
section 16.4.7, IRIC Setting Timing and SCL Control. The
conditions under which IRIC is set also differ depending on
the setting of the ACKE bit in ICCR.
[Setting conditions]
I
2C bus format master mode:
• When a start condition is detected in the bus line state
after a start condition is issued (when the ICDRE flag is
set to 1 because of first frame transmission)
• When a wait is inserted between the data and
acknowledge bit when the WAIT bit is 1 (fall of the 8th
transmit/receive clock)
• At the end of data transfer (rise of the 9th
transmit/receive clock while no wait is inserted)
• When a slave address is received after bus arbitration
is lost (the first frame after the start condition)
• If 1 is received as the acknowledge bit (when the ACKB
bit in ICSR is set to 1) when the ACKE bit is 1
• When the AL flag is set to 1 after bus arbitration is lost
while the ALIE bit is 1
I
2C bus format slave mode:
• When the slave address (SVA or SVAX) matches
(when the AAS or AASX flag in ICSR is set to 1) and at
the end of data transfer up to the subsequent
retransmission start condition or stop condition
detection (rise of the 9th transmit/receive clock)
• When the general call address is detected (when 0 is
received as the R/
: bit and the ADZ flag in ICSR is set
to 1) and at the end of data reception up to the
subsequent retransmission start condition or stop
condition detection (rise of the 9th receive clock)
• If 1 is received as the acknowledge bit (when the ACKB
bit in ICSR is set to 1) while the ACKE bit is 1
• When a stop condition is detected (when the STOP or
ESTP flag in ICSR is set to 1) while the STOPIM bit is 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com