Electronic Components Datasheet Search
  English  ▼

X  

HD64F2145 Datasheet(PDF) 445 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 445 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 441Page - Renesas Technology Corp HD64F2145 Datasheet HTML 442Page - Renesas Technology Corp HD64F2145 Datasheet HTML 443Page - Renesas Technology Corp HD64F2145 Datasheet HTML 444Page - Renesas Technology Corp HD64F2145 Datasheet HTML 445Page - Renesas Technology Corp HD64F2145 Datasheet HTML 446Page - Renesas Technology Corp HD64F2145 Datasheet HTML 447Page - Renesas Technology Corp HD64F2145 Datasheet HTML 448Page - Renesas Technology Corp HD64F2145 Datasheet HTML 449Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 445 / 829 page
background image
Rev. 2.0, 08/02, page 405 of 788
Bit
Bit Name
Initial Value R/W
Description
5
4
MST
TRS
0
0
R/W
[MST clearing conditions]
1. When 0 is written by software
2. When lost in bus contention in I
2C bus format master
mode
[MST setting conditions]
1. When 1 is written by software (for MST clearing
condition 1)
2. When 1 is written in MST after reading MST = 0 (for
MST clearing condition 2)
[TRS clearing conditions]
1. When 0 is written by software (except for TRS setting
condition 3)
2. When 0 is written in TRS after reading TRS = 1 (for
TRS setting condition 3)
3
When lost in bus contention in I
2C bus format master
mode
4. When the SW bit in DDCSWR is changed from 1 to 0
[TRS setting conditions]
1. When 1 is written by software (except for TRS clearing
conditions 3 and 4)
2. When 1 is written in TRS after reading TRS = 0 (for
TRS clearing conditions 3 and 4)
3. When 1 is received as the R/
: bit after the first frame
address matching in I
2C bus format slave mode
3
ACKE
0
R/W
Acknowledge Bit Decision and Selection
0: The value of the acknowledge bit is ignored, and
continuous transfer is performed. The value of the
received acknowledge bit is not indicated by the ACKB
bit in ICSR, which is always 0.
1: If the received acknowledge bit is 1, continuous transfer
is halted.
Depending on the receiving device, the acknowledge bit
may be significant, in indicating completion of processing of
the received data, for instance, or may be fixed at 1 and
have no significance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com