Electronic Components Datasheet Search
  English  ▼

X  

HD64F2145 Datasheet(PDF) 449 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 449 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 445Page - Renesas Technology Corp HD64F2145 Datasheet HTML 446Page - Renesas Technology Corp HD64F2145 Datasheet HTML 447Page - Renesas Technology Corp HD64F2145 Datasheet HTML 448Page - Renesas Technology Corp HD64F2145 Datasheet HTML 449Page - Renesas Technology Corp HD64F2145 Datasheet HTML 450Page - Renesas Technology Corp HD64F2145 Datasheet HTML 451Page - Renesas Technology Corp HD64F2145 Datasheet HTML 452Page - Renesas Technology Corp HD64F2145 Datasheet HTML 453Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 449 / 829 page
background image
Rev. 2.0, 08/02, page 409 of 788
When the DTC is used, IRIC is cleared automatically and transfer can be performed continuously
without CPU intervention.
When, with the I
2C bus format selected, IRIC is set to 1 and an interrupt is generated, other flags
must be checked in order to identify the source that set IRIC to 1. Although each source has a
corresponding flag, caution is needed at the end of a transfer.
When the ICDRE or ICDRF flag is set, the IRTR flag may or may not be set. The IRTR flag (the
DTC start request flag) is not set at the end of a data transfer up to detection of a retransmission
start condition or stop condition after a slave address (SVA) or general call address match in I
2C
bus format slave mode.
Even when the IRIC flag and IRTR flag are set, the ICDRE or ICDRF flag may not be set. The
IRIC and IRTR flags are not cleared at the end of the specified number of transfers in continuous
transfer using the DTC. The ICDRE or ICDRF flag is cleared, however, since the specified
number of ICDR reads or writes have been completed.
Tables 16.4 and 16.5 show the relationship between the flags and the transfer states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com