Electronic Components Datasheet Search
  English  ▼

X  

HD64F2145 Datasheet(PDF) 441 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 441 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 437Page - Renesas Technology Corp HD64F2145 Datasheet HTML 438Page - Renesas Technology Corp HD64F2145 Datasheet HTML 439Page - Renesas Technology Corp HD64F2145 Datasheet HTML 440Page - Renesas Technology Corp HD64F2145 Datasheet HTML 441Page - Renesas Technology Corp HD64F2145 Datasheet HTML 442Page - Renesas Technology Corp HD64F2145 Datasheet HTML 443Page - Renesas Technology Corp HD64F2145 Datasheet HTML 444Page - Renesas Technology Corp HD64F2145 Datasheet HTML 445Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 441 / 829 page
background image
Rev. 2.0, 08/02, page 401 of 788
16.3.4
I
2C Bus Mode Register (ICMR)
ICMR sets the communication format and transfer rate. It can only be accessed when the ICE bit
in ICCR is set to 1.
Bit
Bit Name
Initial Value R/W
Description
7
MLS
0
R/W
MSB-First/LSB-First Select
0: MSB-first
1: LSB-first
Set this bit to 0 when the I
2C bus format is used.
6
WAIT
0
R/W
Wait Insertion Bit
This bit is valid only in master mode with the I
2C bus
format.
0: Data and the acknowledge bit are transferred
consecutively with no wait inserted.
1: After the fall of the clock for the final data bit (8
th clock),
the IRIC flag is set to 1 in ICCR, and a wait state begins
(with SCL at the low level). When the IRIC flag is cleared to
0 in ICCR, the wait ends and the acknowledge bit is
transferred.
For details, refer to section 16.4.7, IRIC Setting Timing and
SCL Control.
5
4
3
CKS2
CKS1
CKS0
0
0
0
R/W
R/W
R/W
Transfer Clock Select 2 to 0
These bits are used only in master mode.
These bits select the required transfer rate, together with
the IICX1 (IIC_1) and IICX0 (IIC_0) bits in STCR. Refer to
table 16.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com