Electronic Components Datasheet Search
  English  ▼

X  

LP140WH1 Datasheet(PDF) 29 Page - LG Semicon Co.,Ltd.

Part # LP140WH1
Description  14.0?쓂 HD TFT LCD
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP140WH1 Datasheet(HTML) 29 Page - LG Semicon Co.,Ltd.

Back Button LP140WH1 Datasheet HTML 25Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 26Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 27Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 28Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 29Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 30Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 31Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 32Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 33Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
Product Specification
29 / 33
LP140WH1
Liquid Crystal Display
Ver.1.0
May. 22, 2009
8. Packing
8-2. Packing Form
a) Package quantity in one box : 30 pcs
b) Box Size : 490 mm × 390 mm × 256 mm
8-1. Designation of Lot Mark
a) Lot Mark
A
B
C
D
E
F
G
H
I
J
K
L
M
A,B,C : SIZE(INCH)
D : YEAR
E : MONTH
F ~ M : SERIAL NO.
Note
1. YEAR
2. MONTH
Mark
Year
0
2010
6
2006
7
2007
8
2008
9
2009
4
2004
5
2005
3
2
1
2003
2002
2001
B
Nov
Mark
Month
A
Oct
6
Jun
7
Jul
8
Aug
9
Sep
4
Apr
5
May
C
3
2
1
Dec
Mar
Feb
Jan
b) Location of Lot Mark
Serial No. is printed on the label. The label is attached to the backside of the LCD module.
This is subject to change without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com